Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7816 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7816
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7816 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7816 Datasheet HTML 3Page - Analog Devices ADE7816 Datasheet HTML 4Page - Analog Devices ADE7816 Datasheet HTML 5Page - Analog Devices ADE7816 Datasheet HTML 6Page - Analog Devices ADE7816 Datasheet HTML 7Page - Analog Devices ADE7816 Datasheet HTML 8Page - Analog Devices ADE7816 Datasheet HTML 9Page - Analog Devices ADE7816 Datasheet HTML 10Page - Analog Devices ADE7816 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Data Sheet
ADE7816
Rev. 0 | Page 7 of 48
HSDC Interface Timing
Table 4. HSDC Interface Timing Parameter
Parameter
Symbol
Min
Max
Unit
HSA to HSCLK Edge
tSS
0
ns
HSCLK Period
125
ns
HSCLK Low Pulse Width
tSL
50
ns
HSCLK High Pulse Width
tSH
50
ns
Data Output Valid After HSCLK Edge
tDAV
40
ns
Data Output Fall Time
tDF
20
ns
Data Output Rise Time
tDR
20
ns
HSCLK Rise Time
tSR
10
ns
HSCLK Fall Time
tSF
10
ns
HSD Disable After HSA Rising Edge
tDIS
5
ns
HSA High After HSCLK Edge
tSFS
0
ns
MSB
LSB
INTERMEDIATE BITS
tSFS
tDIS
tSS
tSL
tDF
tSH
tDAV
tSR
tSF
tDR
HSD
HSCLK
HSA
Figure 4. HSDC Interface Timing
Load Circuit for All Timing Specifications
2mA
IOL
800µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 5. Load Circuit for All Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com