Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7816 Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7816
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7816 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7816 Datasheet HTML 5Page - Analog Devices ADE7816 Datasheet HTML 6Page - Analog Devices ADE7816 Datasheet HTML 7Page - Analog Devices ADE7816 Datasheet HTML 8Page - Analog Devices ADE7816 Datasheet HTML 9Page - Analog Devices ADE7816 Datasheet HTML 10Page - Analog Devices ADE7816 Datasheet HTML 11Page - Analog Devices ADE7816 Datasheet HTML 12Page - Analog Devices ADE7816 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Data Sheet
ADE7816
Rev. 0 | Page 9 of 48
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. THESE PINS ARE NOT CONNECTED
INTERNALLY AND SHOULD BE LEFT FLOATING.
2. CREATE A SIMILAR PAD ON THE PCB UNDER THE
EXPOSED PAD. SOLDER THE EXPOSED PAD TO
THE PAD ON THE PCB TO CONFER MECHANICAL
STRENGTH TO THE PACKAGE. DO NOT CONNECT
THE PADS TO AGND.
NC
PULL_HIGH
PULL_LOW
RESET
DVDD
DGND
IAP
IAN
IBP
NC
IDP
AVDD
AGND
VDD
CLKIN
CLKOUT
IRQ0
NC
IEP
NC
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
ADE7816
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 10, 11, 20,
21, 30, 31,
33, 34, 40
NC
No Connect. These pins are not connected internally and should be left floating.
2
PULL_HIGH
Connect this pin to VDD for proper operation.
3
PULL_LOW
Connect this pin to AGND for proper operation.
4
RESET
Active Low Reset Input. Hold this pin low for at least 10 μs to trigger a hardware reset.
5
DVDD
On-Chip 2.5 V Digital LDO Access. Do not connect any external active circuitry to this pin. Decouple this pin
with a 4.7 μF capacitor in parallel with a ceramic 220 nF capacitor.
6
DGND
Ground Reference. This pin provides the ground reference for the digital circuitry.
7, 8
IAP, IAN
Analog Inputs for Current Channel A. This channel is used with the current transducers and is referenced in
this data sheet as Current Channel A. Connect these inputs in a single-ended configuration with a maximum
signal level of ±0.5 V with respect to IAN.
9, 12
IBP, IBN
Analog Inputs for Current Channel B. This channel is used with the current transducers and is referenced in
this data sheet as Current Channel B. Connect these inputs in a single-ended configuration with a maximum
signal level of ±0.5 V with respect to IBN.
13, 14
ICP, ICN
Analog Inputs for Current Channel C. This channel is used with the current transducers and is referenced in
this data sheet as Current Channel C. Connect these inputs in a single-ended configuration with a maximum
signal level of ±0.5 V with respect to ICN.
15, 16
VP, VN
Analog Inputs for the Voltage Channel. This channel is used with the voltage transducer and is referenced as
the voltage channel in this data sheet. Connect these inputs in a single-ended configuration with a maximum
signal level of ±0.5 V with respect to VN. This channel also has an internal PGA.
17
REFIN/OUT
On-Chip Voltage Reference Access. The on-chip reference has a nominal value of 1.2 V. An external reference
source with 1.2 V ± 8% can also be connected at this pin. In either case, decouple this pin to AGND with a
4.7 μF capacitor in parallel with a ceramic 100 nF capacitor.
18
IN
Analog Input Common Pin for Current Channel D, Current Channel E, and Current Channel F. See the pin
descriptions for Pin 19, Pin 22, and Pin 23 for more details.
19
IFP
Analog Input for Current Channel F. This channel is used with the current transducers and is referenced in this
data sheet as Current Channel F. Connect this input in a single-ended configuration with a maximum signal
level of ±0.5 V with respect to IN.
22
IEP
Analog Input for Current Channel E. This channel is used with the current transducers and is referenced in
this data sheet as Current Channel E. Connect this input in a single-ended configuration with a maximum
signal level of ±0.5 V with respect to IN.
23
IDP
Analog Input for Current Channel D. This channel is used with the current transducers and is referenced in
this data sheet as Current Channel D. Connect this input in a single-ended configuration with a maximum
signal level of ±0.5 V with respect to IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com