Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7816 Datasheet(PDF) 42 Page - Analog Devices

Part # ADE7816
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7816 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE7816 Datasheet HTML 38Page - Analog Devices ADE7816 Datasheet HTML 39Page - Analog Devices ADE7816 Datasheet HTML 40Page - Analog Devices ADE7816 Datasheet HTML 41Page - Analog Devices ADE7816 Datasheet HTML 42Page - Analog Devices ADE7816 Datasheet HTML 43Page - Analog Devices ADE7816 Datasheet HTML 44Page - Analog Devices ADE7816 Datasheet HTML 45Page - Analog Devices ADE7816 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 42 of 48
Bits
Bit Name
Default
Value
Description
[5:3]
PGA2[2:0]
0x000
Voltage channel gain selection.
000: gain = 1
001: gain = 2.
010: gain = 4.
011: gain = 8.
100: gain = 16.
101, 110, 111: reserved.
Gain selection for the A, B, and C current channels.
000: gain = 1.
001: gain = 2.
010: gain = 4.
011: gain = 8.
100: gain = 16.
[2:0]
PGA1[2:0]
0x000
101, 110, 111: reserved.
Table 23. CHSIGN Register (Address 0xE617)
Bits
Bit Name
Default
Value
Description
[15:7]
Reserved
0x0000000
These bits should be ignored.
0: the reactive power on the C or F channel is positive.
6
VAR3SIGN
0x0
1: the reactive power on the C or F channel is negative.
5
VAR2SIGN
0x0
0: the reactive power on the B or E channel is positive.
1: the reactive power on the B or E channel is negative.
4
VAR1SIGN
0x0
0: the reactive power on the A or D channel is positive.
1: the reactive power on the A or D channel is negative.
3
Reserved
0x0
This bit should be ignored.
2
W3SIGN
0x0
0: the active power on the C or F channel is positive.
1: the active power on the C or F channel is negative.
1
W2SIGN
0x0
0: the active power on the B or E channel is positive.
1: the active power on the B or E channel is negative.
0
W1SIGN
0x0
0: the active power on the A or D channel is positive.
1: the active power on the A or D channel is negative.
Table 24. CONFIG Register (Address 0xE618)
Bits
Bit Name
Default
Value
Description
[15:8]
Reserved
0x0
These bits should be ignored.
7
SWRST
0x0
Initiates a software reset.
6
HSDCEN
0x0
Enables the HSDC serial port.
[5:1]
Reserved
0x0
These bits should be ignored.
0
INTEN
0x0
Enables the digital integrator.
Table 25. MMODE Register (Address 0xE700)
Bits
Bit Name
Default
Value
Description
[7:5]
Reserved
0x000
These bits should be ignored.
4
PEAKSEL2
0x1
The C or F current channel is selected for peak detection.
3
PEAKSEL1
0x1
The B or E current channel is selected for peak detection.
2
PEAKSEL0
0x1
The A or D current channel is selected for peak detection.
[1:0]
Reserved
0x00
These bits should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com