Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7816 Datasheet(PDF) 33 Page - Analog Devices

Part # ADE7816
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7816 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE7816 Datasheet HTML 29Page - Analog Devices ADE7816 Datasheet HTML 30Page - Analog Devices ADE7816 Datasheet HTML 31Page - Analog Devices ADE7816 Datasheet HTML 32Page - Analog Devices ADE7816 Datasheet HTML 33Page - Analog Devices ADE7816 Datasheet HTML 34Page - Analog Devices ADE7816 Datasheet HTML 35Page - Analog Devices ADE7816 Datasheet HTML 36Page - Analog Devices ADE7816 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Data Sheet
ADE7816
Rev. 0 | Page 33 of 48
The SS logic input is the chip select input. This input is used
when multiple devices share the serial bus. Drive the SS input
low for the entire data transfer operation. Bringing SS high
during a data transfer operation aborts the transfer and places
the serial bus in a high impedance state. A new transfer can
then be initiated by returning the SS logic input to low. However,
because aborting a data transfer before completion leaves the
accessed register in a state that cannot be guaranteed, the value of a
register should be verified by reading it back each time it is written.
The protocol is similar to the protocol used with the I2C interface.
SPI Read Operation
The read operation, using the SPI interface, initiates when the
master sets the SS/HSA pin low and begins sending one byte,
representing the address of the
, on the MOSI line. The
master sets data on the MOSI line starting with the first high-to-
low transition of SCLK. The
SPI samples data on the
low-to-high transitions of SCLK. The most significant seven bits
of the address byte can have any value, but, as good programming
practice, they should be different from 0111000b, the seven bits
used in the I2C protocol. Bit 0 (read/
ADE7816
ADE7816
write) of the address byte must
be set to 1 for a read operation. Next, the master sends the 16-bit
address of the register to be read. After the
receives the
last address bit of the register on a low-to-high transition of SCLK,
it begins to transmit its contents on the MISO line when the next
SCLK high-to-low transition occurs; thus, the master can sample
the data on a low-to-high SCLK transition. After the master
receives the last bit, it sets the
ADE7816
SS and SCLK lines high, and the
communication ends. The data lines, MOSI and MISO, go into
a high impedance state (see
).
Figure 41
SPI Write Operation
The write operation, using the SPI interface, initiates when the
master sets the SS/HSA pin low and begins sending one byte,
representing the address of the
, on the MOSI line. The
master sets data on the MOSI line, starting with the first high-to-
low transition of SCLK. The SPI samples data on the low-to-high
transitions of SCLK. The most significant seven bits of the address
byte can have any value, but, as a good programming practice,
they should be different from 0111000b, the seven bits that are used
in the I2C protocol. Bit 0 (read/
ADE7816
write) of the address byte must be 0
for a write operation. Next, the master sends the 16-bit address
of the register that is written and the 32-, 16-, or 8-bit value of that
register without losing any SCLK cycle. After the last bit is trans-
mitted, the master sets the SS and SCLK lines high at the end of
the SCLK cycle and the communication ends. The data lines, MOSI
and MISO, go into a high impedance state (see
).
Figure 42
1
0
15 14
SCLK
MOSI
MISO
10
31 30
1 0
0
00
0 0 0
REGISTER VALUE
REGISTER ADDRESS
SS
Figure 41. SPI Read Operation of a 32-Bit Register
0
15 14
SCLK
MOSI
10 31 30
1 0
0
0
0
000 0
REGISTER
ADDRESS
REGISTER VALUE
SS
Figure 42. SPI Write Operation of a 32-Bit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com