Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302 Datasheet(PDF) 35 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 35 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 39Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
35
DM9302-15-DS-P01
July 30, 2009
This word bit 7~0 will be loaded to port 1 Reg. 67H bit 7~0
This word bit 15~8 will be loaded to port 1 Reg. 6DH bit 7~0
RESERVED
23~24
Reserved
uP Port Control 1
25
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 3 Reg. 61H bit 7~0
This word bit 15~8 will be loaded to port 3 Reg. 66H bit 7~0
uP Port Control 2
26
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 3 Reg. 67H bit 7~0
This word bit 15~8 will be loaded to port 3 Reg. 6DH bit 7~0
Port 0 VLAN Tag
27
When word 16 bit 5:4 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 0 Reg. 6EH bit 7~0
This word bit 15~8 will be loaded to port 0 Reg. 6FH bit 7~0
Port 1 VLAN Tag
28
When word 16 bit 5:4 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 1 Reg. 6EH bit 7~0
This word bit 15~8 will be loaded to port 1 Reg. 6FH bit 7~0
RESERVED
29
Reserved
uP Port VLAN Tag
30
When word 16 bit 5:4 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 3 Reg. 6EH bit 7~0
This word bit 15~8 will be loaded to port 3 Reg. 6FH bit 7~0
VLAN Priority Map
31
When word 16 bit 7:6 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. D0H bit 7~0
This word bit 15~8 will be loaded to Reg. D1H bit 7~0
Port VLAN Group
0,1
32
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. B0H bit 7~0
This word bit 15~8 will be loaded to Reg. B1H bit 7~0
Port VLAN Group
2,3
33
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. B2H bit 7~0
This word bit 15~8 will be loaded to Reg. B3H bit 7~0
Port VLAN Group
4,5
34
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. B4H bit 7~0
This word bit 15~8 will be loaded to Reg. B5H bit 7~0
Port VLAN Group
6,7
35
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. B6H bit 7~0
This word bit 15~8 will be loaded to Reg. B7H bit 7~0
Port VLAN Group
8,9
36
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. B8H bit 7~0
This word bit 15~8 will be loaded to Reg. B9H bit 7~0
Port VLAN Group
10,11
37
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. BAH bit 7~0
This word bit 15~8 will be loaded to Reg. BBH bit 7~0
Port VLAN Group
12,13
38
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. BCH bit 7~0
This word bit 15~8 will be loaded to Reg. BDH bit 7~0
Port VLAN Group
14,15
39
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. BEH bit 7~0
This word bit 15~8 will be loaded to Reg. BFH bit 7~0
ToS Priority Map 0
40
When word 16 bit 11:10 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. C0H bit 7~0
This word bit 15~8 will be loaded to Reg. C1H bit 7~0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com