Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302 Datasheet(PDF) 52 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 52 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 56Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
52
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
Strict Priority Queuing. Weighted Round-Robin
Queuing (WRR) based on their priority and queue
weight. Queues with larger weights get more service
than smaller. This mechanism can get highly efficient
bandwidth and smooth the traffic. Strict Priority
Queuing (SPQ) based on priority only. The Packet on
the highest priority queue is transmitted first. The next
highest-priority queue is work until last queue empties,
and so on. This feature can be set in bit 5 of register
6Dh.
9.2.14.1 Port-Based Priority
Port based priority is the simplest scheme and as
default. Each port has a 2-bit priority value as index
for splitting ingress packets to the corresponding
transmit queue. This value can be set in bit 0 and 1 of
register 6Dh.
9.2.14.2 802.1p-Based Priority
802.1p priority can be disabled by bit 2 of register
6Dh, it is enabled by default.
The DM9302 extracts 3-bit priority field from
received packet with 802.1p VLAN tag, and maps this
field against VLAN Priority Map Registers (D0h~D1h)
to determine which transmit queue is designated. The
VLAN Priority Map is programmable.
9.2.14.3 DiffServ-Based Priority
DiffServ based priority uses the most significant
6-bit of the ToS field in standard IPv4 header, and
maps this field against ToS Priority Map Registers
(C0h~CFh) to determine which transmit queue is
designated. The ToS Priority Map is programmable
too. In addition, User can only refer to most
significant 3-bit of the ToS field optionally, see bit 7 of
register 53h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com