Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302 Datasheet(PDF) 44 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 44 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 48Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
44
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
0
RLOUT
0, RW
Remote Loop out Control
When this bit is set to 1, the received data will loop out to the
transmit channel. This is useful for bit error rate testing
8.9 DAVICOM Specified Configuration and Status Register (DSCSR) – 11H
Bit
Bit Name
Default
Description
15
100FDX
1, RO 100M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this bit is 1, it
means the operation 1 mode is a 100M full duplex mode. The software can read bit
[15:12] to see which mode is selected after auto-negotiation. This bit is invalid when
it is not in the auto-negotiation mode
14
100HDX
1, RO 100M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this bit is 1, it
means the operation 1 mode is a 100M half duplex mode. The software can read bit
[15:12] to see which mode is selected after auto-negotiation. This bit is invalid when
it is not in the auto-negotiation mode
13
10FDX
1, RO 10M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this bit is 1, it
means the operation 1 mode is a 10M Full Duplex mode. The software can read bit
[15:12] to see which mode is selected after auto-negotiation. This bit is invalid when
it is not in the auto-negotiation mode
12
10HDX
1, RO 10M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this bit is 1, it
means the operation 1 mode is a 10M half duplex mode. The software can read bit
[15:12] to see which mode is selected after auto-negotiation. This bit is invalid when
it is not in the auto-negotiation mode
11
Reserved
0, RO Reserved
Read as 0, ignore on write
10
Reserved
0,RW Reserved
9
Reserved
0,RW Reserved
8-4 PHYADR[4:0] 1, RW PHY Address Bit 4:0
The first PHY address bit transmitted or received is the MSB of the address (bit 4). A
station management entity connected to multiple PHY entities must know the
appropriate address of each PHY
Auto-negotiation Monitor Bits
These bits are for debug only. The auto-negotiation status will be written to these
bits.
B3 B2 B1 B0
0 0 0 0
In IDLE state
0 0 0 1
Ability match
0 0 1 0
Acknowledge match
0 0 1 1
Acknowledge match fail
0 1 0 0
Consistency match
0 1 0 1
Consistency match fail
0 1 1 0
Parallel detects signal link ready
0 1 1 1
Parallel detects signal link ready fail
3-0 ANMB[3:0]
0, RO
1 0 0 0
Auto-negotiation completed successfully



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com