Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302 Datasheet(PDF) 19 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 19 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 23Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
19
DM9302-15-DS-P01
July 30, 2009
3
EPOS
PH0,RW
EEPROM or PHY Operation Select
When reset, select EEPROM; when set, select PHY
2
ERPRR
PH0,RW
EEPROM Read or PHY Register Read Command. Driver needs to clear it up after
the operation completes.
1
ERPRW
PH0,RW
EEPROM Write or PHY Register Write Command. Driver needs to clear it up after
the operation completes.
0
ERRE
PH0,RO
EEPROM Access Status or PHY Access Status
When set, it indicates that the EEPROM or PHY access is in progress
6.9 EEPROM & PHY Address Register (0CH)
Bit
Name
Default
Description
7:6
PHY_ADR
PH01,RW PHY Address bit 1 and 0; the PHY address bit [4:2] is force to 0.
5:0
EROA
PH0,RW
EEPROM Word Address or PHY Register Address
6.10 EEPROM & PHY Data Registers (0DH~0EH)
Bit
Name
Default
Description
7:0
EPDRL
PH0,RW
EEPROM or PHY Low Byte Data (0DH)
This data is made to write/read low byte of word address defined in Reg. 0CH to
EEPROM or PHY
7:0
EPDRH
PH0,RW
EEPROM or PHY High Byte Data (0EH)
This data is made to write/read high byte of word address defined in Reg. 0CH to
EEPROM or PHY
6.11 Link Change Control Register (0FH)
Bit
Name
Type
Description
7:6
RESERVED
0,RO
Reserved
5
LINKEN
PE0,RW
Link Change Event Enable
When both set of this bit and bit 6 of NCR, it enables link change status Event
4:3
RESERVED
0,RO
Reserved
2
LINKST
PH0,RO
Link Change Event Status
When set, it indicates that Link Status Change Event (link of port 0 or 1) occurred
This bit can be cleared by write 1 to bit 5 of NSR or write 0 to bit 6 of NCR.
1:0
RESERVED
0,RO
Reserved
6.12 Processor Port Physical Address Registers (10H~15H)
Bit
Name
Default
Description
7:0
PAB5
E,RW
Physical Address Byte 5 (15H)
7:0
PAB4
E,RW
Physical Address Byte 4 (14H)
7:0
PAB3
E,RW
Physical Address Byte 3 (13H)
7:0
PAB2
E,RW
Physical Address Byte 2 (12H)
7:0
PAB1
E,RW
Physical Address Byte 1 (11H)
7:0
PAB0
E,RW
Physical Address Byte 0 (10H)
6.13 Processor Port Multicast Address Registers (16H~1DH)
Bit
Name
Default
Description
7:0
MAB7
X,RW
Multicast Address Byte 7 (1DH)
7:0
MAB6
X,RW
Multicast Address Byte 6 (1CH)
7:0
MAB5
X,RW
Multicast Address Byte 5 (1BH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com