Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302 Datasheet(PDF) 45 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 45 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 49Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
45
DM9302-15-DS-P01
July 30, 2009
8.10 10BASE-T Configuration/Status (10BTCSR) – 12H
Bit
Bit Name
Default
Description
15
Reserved
0, RO
Reserved
Read as 0, ignore on write
14
LP_EN
1, RW
Link Pulse Enable
1 = Transmission of link pulses enabled
0 = Link pulses disabled, good link condition forced
This bit is valid only in 10Mbps operation
13
HBE
1,RW
Heartbeat Enable
1 = Heartbeat function enabled
0 = Heartbeat function disabled
When the DM9302 is configured for full duplex operation, this bit will
be ignored (the collision/heartbeat function is invalid in full duplex
mode)
12
SQUELCH
1, RW
Squelch Enable
1 = Normal squelch
0 = Low squelch
11
JABEN
1, RW
Jabber Enable
Enables or disables the Jabber function when the DM9302 is in
10BASE-T full duplex or 10BASE-T transceiver Loopback mode
1 = Jabber function enabled
0 = Jabber function disabled
10
SERIAL
0, RW
10M Serial Mode (valid in PHY test mode)
Force to 0, in application.
9-1
Reserved
0, RO
Reserved
Read as 0, ignore on write
0
POLR
0, RO
Polarity Reversed
When this bit is set to 1, it indicates that the 10Mbps cable polarity is
reversed. This bit is automatically set and cleared by 10BASE-T
module
8.11 Power Down Control Register (PWDOR) – 13H
Bit
Bit Name
Default
Description
15-9
Reserved
0, RO
Reserved
Read as 0, ignore on write
8
PD10DRV
0, RW
Vendor power down control test
7
PD100DL
0, RW
Vendor power down control test
6
PDchip
0, RW
Vendor power down control test
5
PDcrm
0, RW
Vendor power down control test
4
PDaeq
0, RW
Vendor power down control test
3
PDdrv
0, RW
Vendor power down control test
2
PDedi
0, RW
Vendor power down control test
1
PDedo
0, RW
Vendor power down control test
0
PD10
0, RW
Vendor power down control test
*
When selected, the power down value is control by Register 20.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com