Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302 Datasheet(PDF) 22 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 22 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 26Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
22
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
6.24 TX/RX Memory Size Control Register (3FH)
Bit
Name
Default
Description
7:6
Reserved
PS0,RO
Reserved
5:0
TX_SIZE
P20h,RW
TX Block Size in 2-Port Mode
This value defines the transmit block size in 256-byte unit.
TX memory size = TX_SIZE * 256 bytes
And then
RX memory size = 16KB – (TX_SIZE + 1)*256-Byte
Note: The value of TX_SIZE should be between 14H and 30H
6.25 Switch Control Register (52H)
Bit
Name
Default
Description
7
MEM_BIST
PH0,RO
Address Memory Test BIST Status
0: OK
1: Fail
6
RST_SW
P0,RW
Reset Switch Core and auto clear after 10us
5
RST_ANLG
P0,RW
Reset Analog PHY Core and auto clear after 10us
4:3
SNF_PORT
PE00,RW
Sniffer Port Number
Define the port number to act as the sniffer port
2
CRC_DIS
PE0,RW
CRC Checking Disable
When set, the received CRC error packet also accepts to receive memory.
1:0
AGE
PE0,RW
Aging
00: no aging
01: 64 ± 32 sec
10: 128 ± 64 sec
11: 256 ±128 sec
6.26 VLAN Control Register (53H)
Bit
Name
Default
Description
7
TOS6
PE0,RW
Full ToS Using Enable
1: check most significant 6-bit of TOS
0: check most significant 3-bit only of TOS
6
RESERVED
0,RO
Reserved
5
UNICAST
PE0,RW
Unicast packet can across VLAN boundary
4
VIDFF
PE0,RW
Replace VIDFF
If the received packet is a tagged VLAN with VID equal to “FFF”, its VLAN field is
replaced with VLAN tag defined in Reg. 6EH and 6FH.
3
VID1
PE0,RW
Replace VID01
If the received packet is a tagged VLAN with VID equal to “001”, its VLAN field is
replaced with VLAN tag defined in Reg. 6EH and 6FH.
2
VID0
PE0,RW
Replace VID0
If the received packet is a tagged VLAN with VID equal to “000”, its VLAN field is
replaced with VLAN tag defined in Reg. 6EH and 6FH.
1
PRI
PE0,RW
Replace priority field in the tag with value define in Reg 6FH bit 7~5.
0
VLAN
PE0,RW
VLAN mode enable
1: 802.1Q base VLAN mode enable
0: port-base VLAN only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com