Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302 Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
21
DM9302-15-DS-P01
July 30, 2009
6.21 Receive Check Sum Control Status Register (32H)
Bit
Name
Default
Description
7
UDPS
HP0,RO
UDP Checksum Status
1: UDP packet checksum is fail.
0: UDP packet checksum is OK or it is not a UDP packet.
6
TCPS
HP0,RO
TCP Checksum Status
1: TCP packet checksum is fail.
0: TCP packet checksum is OK or it is not a TCP packet.
5
IPS
HP0,RO
IP Checksum Status
1: IP packet checksum is ail
0: IP packet checksum is OK or it is not an IP packet.
4
UDPP
HP0,RO
This is an UDP Packet
3
TCPP
HP0,RO
This is a TCP Packet
2
IPP
HP0,RO
This is an IP Packet
1
RCSEN
HPS0,RW Receive Checksum Checking Enable
When set, the checksum status will store in packet first byte of status header.
0
DCSE
HPS0,RW Discard Checksum Error Packet
When set, IP/TCP/UDP checksum field is error, this packet will be discarded.
6.22 uP Data Bus driving capability Register (38H)
Bit
Name
Default
Description
7
RESERVED
0,RW
reserved
6:5
ISA_CURR
P01,RW
SD Bus Current Driving/Sinking Capability
00: 2mA
01: 4mA (default)
10: 6mA
11: 8mA
4:3
Reserved
P0,RW
Reserved
2
STEP
P0,RW
Data Bus Output stepping
1: disabled
0: enabled
1
IOW_SPIKE
P0,RW
Eliminate IOW spike
1: eliminate about 2ns IOW spike
0
IOR_SPIKE
P1,RW
Eliminate IOR spike
1: eliminate about 2ns IOR spike
6.23 IRQ Pin Control Register (39H)
Bit
Name
Default
Description
7:2
Reserved
PS0,RO
Reserved
1
IRQ_TYPE
PET0,RW
IRQ Pin Output Type Control
1: IRQ Open-Collector output
0: IRQ direct output
0
IRQ_POL
PET0,RW
IRQ Pin Polarity Control
1: IRQ active low
0: IRQ active high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com