Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302 Datasheet(PDF) 33 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 33 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 37Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
33
DM9302-15-DS-P01
July 30, 2009
6.51 Memory Data Write Command with Address Increment Register (F8H)
When register FFH bit 7 is “0”, register FBH value will be returned to 0000H, if 16K-byte boundary is reached.
Bit
Name
Default
Description
7:0
MWCMD
X,WO
Write Data to TX SRAM
After the write of this command, the write pointer is increased by 1, 2, or 4, depends
on the operator mode. (8-bit, 16-bit,32-bit respectively)
6.52 Memory Data Write Address Register (FAH)
When register FFH bit 7 is “0”, register FBH and FAH can be used as memory byte address to write internal 64K-byte
memory.
When register FFH bit 7 is “1”, register FBH and FAH are reserved. The processor port transmit memory address is generated
by DM9302 automatically.
Bit
Name
Default
Description
7:0
MDWAL
PHS0,RW Memory Data Write_ address Low Byte[7:0]
6.53 Memory Data Write Address Register (FBH)
Bit
Name
Default
Description
7:0
MDWAH
PHS0,RW Memory Data Write Byte Address High Byte[15:8]
6.54 TX Packet Length Registers (FCH~FDH)
Bit
Name
Default
Description
7:0
TXPLH
PHS0,RW TX Packet Length High byte
7:0
TXPLL
PHS0,RW TX Packet Length Low byte
6.55 Interrupt Status Register (FEH)
Bit
Name
Default
Description
7
IOMODE
T0, RO
Width Processor Data Bus
0: 16-bit mode
1: 8-bit mode
6
RESERVED
PHS0,RO
Reserved
5
LNKCHG
PHS0,RW/C1
Link Status Change of port 0 or 1
4
CNT_ERR
PHS0,RW/C1
Memory Management error
3
ROO
PHS0,RW/C1
Receive Overflow Counter Overflow
2
ROS
PHS0,RW/C1
Receive Overflow
1
PT
PHS0,RW/C1
Packet Transmitted
0
PR
PHS0,RW/C1
Packet Received
6.56 Interrupt Mask Register (FFH)
Bit
Name
Default
Description
7
TXRX_EN
PHS0,RW
Enable the SRAM read/write pointer used as transmit /receive address.
6
RESERVED
P0,RO
Reserved
5
LNKCHGI
PHS0,RW
Enable Link Status Change of port 0 or 1Interrupt
4
CNT_ERR
PHS0,RW/C1
Enable Memory Management error interrupt
3
ROOI
PHS0,RW
Enable Receive Overflow Counter Overflow Interrupt
2
ROI
PHS0,RW
Enable Receive Overflow Interrupt
1
PTI
PHS0,RW
Enable Packet Transmitted Interrupt
0
PRI
PHS0,RW
Enable Packet Received Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com