Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302 Datasheet(PDF) 12 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 12 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 16Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
12
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
5. PIN DESCRIPTION
I = Input, O = Output, I/O = Input / Output, O/D = Open Drain, P = Power, PD=internal pull-low (approx. 50K ohm)
# = asserted Low
5.1 Processor Bus interface
Pin No.
Pin Name
I/O
Description
2
IOR#
I
Processor Read Command
Default is low active. The polarity can be changed by
setting EEPROM.
3
IRQ
O
Interrupt Request
Default is high active and non-open collector type. Its
polarity and output type can be changed by strap pins
or EEPROM setting.
5,6,7,9,10,12,14,15,
17,18,19,20,21,22,24,25
SD0~15
I/O
Processor Data Bus bit 0~15
60
CMD
I
Command Type
Upon the IO transaction,
when CMD is high, SD0~15 reflect the value of DATA port
when CMD is low, SD0~15 reflect the value of INDEX port
62
CS#
I
Processor Chip Select Command
Default is low active. Its polarity can be changed by
EEPROM setting.
63
IOW#
I
Processor Write Command
Default is low active. Its polarity can be changed by
EEPROM setting.
5.2 EEPROM Interfaces
Pin No.
Pin Name
I/O
Description
27
EEDIO
I,/O
EEPROM Data In/Out
28
EECK
O,PD
EEPROM Serial Clock
This pin is used as the clock for the EEPROM data transfer.
29
EECS
O,PD
EEPROM Chip Selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com