Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU6111ARSVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 2 Page - Texas Instruments

  TSU6111ARSVR Datasheet HTML 1Page - Texas Instruments TSU6111ARSVR Datasheet HTML 2Page - Texas Instruments TSU6111ARSVR Datasheet HTML 3Page - Texas Instruments TSU6111ARSVR Datasheet HTML 4Page - Texas Instruments TSU6111ARSVR Datasheet HTML 5Page - Texas Instruments TSU6111ARSVR Datasheet HTML 6Page - Texas Instruments TSU6111ARSVR Datasheet HTML 7Page - Texas Instruments TSU6111ARSVR Datasheet HTML 8Page - Texas Instruments TSU6111ARSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Charger
Detection
Sources
And
Comp’s
Accessory
ID
Detection
ADC
I2C Interface
&
Hardware
Control
VBUS
DP
DM
ID
Buffers and/or
Comparators
JIG
INTB
SDA
SCL
VDDIO
BOOT
I2C
Interface
Switches
RxD
TxD
USB_DM
USB_DP
State Machine
Switch
Ctrl
UART
USB
Micro
USB
DP_HT
TxD
RxD
TSU6111 SWITCH
MATRIX
DM_HT
VBUS
DM_CON
DP_CON
ID_CON
TSU6111A
SCDS331
– FEBRUARY 2012
www.ti.com
DESCRIPTION
The TSU6111A is a high performance differential autonomous SP2T switch with impedance detection. The
switch supports the detection of various accessories that are attached through DP, DM, and ID. The charger
detection satisfies USB charger specification v1.1 and VBUS_IN has a 28V tolerance to eliminate the need for
external protection. Power for this device is supplied through VBAT of the system or through VBUS_IN when
attached to a charger.
The SP2T switch is controlled by the automatic detection logic or through manual configuration of the I2C. JIG
and BOOT pins are used when a USB or UART JIG cable is used to test the device in the development and
manufacturing. TSU6111A has open-drain JIG output (active low).
BLOCK DIAGRAM
SWITCH MATRIX
2
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com