Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU6111ARSVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 9Page - Texas Instruments TSU6111ARSVR Datasheet HTML 10Page - Texas Instruments TSU6111ARSVR Datasheet HTML 11Page - Texas Instruments TSU6111ARSVR Datasheet HTML 12Page - Texas Instruments TSU6111ARSVR Datasheet HTML 13Page - Texas Instruments TSU6111ARSVR Datasheet HTML 14Page - Texas Instruments TSU6111ARSVR Datasheet HTML 15Page - Texas Instruments TSU6111ARSVR Datasheet HTML 16Page - Texas Instruments TSU6111ARSVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Output
by Transmitter
Data Output
by Receiver
SCL From
Master
Start
Condition
Clock Pulse for
Acknowledgment
ACK
NACK
1
2
8
9
SCL
ST
SDA
0
1
0
0
1
0
1
0
A
0
0
0
0
0
0
1
0
A D7 D6 D5 D4 D3 D2 D1 D0 A D7 D6 D5 D4 D3 D2 D1 D0 A SP
Start
Slave Address
W/R
Ack. from slave
Sub Address
Ack
from
slave
Auto-Inc.
Register Address
(Control Reg)
Ack
from
slave
Ack
from
slave
Stop
Data to Control
Register
Data to Control Register
Date Byte
Date Byte
SDA
ST
0
1
0
0
1
0
1
0
A
1
0
0
0
1
0
0
0
A
D7 D6 D5 D4 D3 D2 D1 D0
A
D7 D6 D5 D4 D3 D2 D1 D0
A
Start
Slave Address
W/R
Ack. from slave
Sub Address
Ack
from
slave
Auto-Inc.
Ack
from
slave
Data to Timing Set 1
Register
Data to Timing Set 2
Register
Date Byte
Date Byte
Register Address
(Timing Set 1 Reg)
TSU6111A
www.ti.com
SCDS331
– FEBRUARY 2012
Figure 4. Acknowledgment on I2C Bus
Writes
Data is transmitted to the TSU6111A by sending the device slave address and setting the LSB to a logic 0 (see
Figure 5 for device address). The command byte is sent after the address and determines which register
receives the data that follows the command byte. The next byte is written to the specified register on the rising
edge of the ACK clock pulse.
Figure 5. Repeated Data Write to a Single Register
Figure 6. Burst Data Write to Multiple Registers
Reads
The bus master must first send the TSU6111A slave address with the LSB set to logic 0. The command byte is
sent after the address and determines which register is accessed. After a restart, the device slave address is
sent again but, this time, the LSB is set to logic 1. Data from the register defined by the command byte then is
sent by the TSU6111A. Data is clocked into the SDA output shift register on the rising edge of the ACK clock
pulse (See Figure 7).
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com