Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU6111ARSVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 4Page - Texas Instruments TSU6111ARSVR Datasheet HTML 5Page - Texas Instruments TSU6111ARSVR Datasheet HTML 6Page - Texas Instruments TSU6111ARSVR Datasheet HTML 7Page - Texas Instruments TSU6111ARSVR Datasheet HTML 8Page - Texas Instruments TSU6111ARSVR Datasheet HTML 9Page - Texas Instruments TSU6111ARSVR Datasheet HTML 10Page - Texas Instruments TSU6111ARSVR Datasheet HTML 11Page - Texas Instruments TSU6111ARSVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TSU6111A
SCDS331
– FEBRUARY 2012
www.ti.com
GENERAL OPERATION
The TSU6111A will automatically detect accessories plugged into the phone via the mini/micro USB 5 pin
connector. The type of accessory detected will be stored in I2C registers within the TSU6111A for retrieval by the
host. The TSU6111A has a network of switches that are automatically opened and closed based on the
accessory detection. See Table 1 for details of which switches are open during each mode of operation. The
TSU6111A also offers a manual switching mode that allows the host processor to decide which switches should
be opened and closed. The manual switching settings are executed through the I2C interface.
STANDBY MODE
Standby mode is the default mode upon power up and occurs when no accessory has been detected. During this
mode, the VBUS and ID lines are continually monitored through comparators to determine when an accessory is
inserted. Power consumption is minimal during standby mode.
POWER SUPERVISOR
TSU6111A uses VBAT as the primary supply voltage. VBUS is the secondary supply. VDDIO is used for I2C
communication.
Table 1. Function Table
TSU6111A
VBAT
VBUS
VDDIO
DETECTION
I2C
COMMENTS
Yes
No
No
Enabled
Not enabled
VBAT is supply
Yes
Yes
No
Enabled
Not enabled
VBAT is supply
Yes
No
Yes
Enabled
Enabled
VBAT is supply
Yes
Yes
Yes
Enabled
Enabled
VBAT is supply
No
Yes
No
Enabled
Not enabled
VBUS is supply
No
Yes
Yes
Not valid
No
No
Yes
Not valid
No
No
No
Power Down Reset
8
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com