Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU6111ARSVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 2Page - Texas Instruments TSU6111ARSVR Datasheet HTML 3Page - Texas Instruments TSU6111ARSVR Datasheet HTML 4Page - Texas Instruments TSU6111ARSVR Datasheet HTML 5Page - Texas Instruments TSU6111ARSVR Datasheet HTML 6Page - Texas Instruments TSU6111ARSVR Datasheet HTML 7Page - Texas Instruments TSU6111ARSVR Datasheet HTML 8Page - Texas Instruments TSU6111ARSVR Datasheet HTML 9Page - Texas Instruments TSU6111ARSVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TSU6111A
SCDS331
– FEBRUARY 2012
www.ti.com
ELECTRICAL SPECIFICATION
over operating free-air temperature range (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
MAX
UNIT
DIGITAL SIGNALS
– I2C INTERFACE (SCL and SDA)
VDDIO
Logic and I/O supply voltage
1.65
3.6
V
VIH
High-level input voltage
VDDIO × 0.7
VDDIO
V
VIL
Low-level input voltage
0
VDDIO × 0.3
V
VOH
High-level output voltage
IOH = –3 mA
VDDIO × 0.7
V
VOL
Low-level output voltage
IOL = 3 mA
0.4
V
fSCL
SCL frequency
400
kHz
JIG OUTPUT (TSU6111A
– OPEN-DRAIN OUTPUT, ACTIVE LOW)
VOL
Low-level output voltage
IOL = 10 mA, VBAT = 3.0 V
0.5
V
INTB AND BOOT (PUSH-PULL OUTPUT)
VOH
High-level output voltage
IOH = –4 mA , VDDIO = 1.65 V
1.16
VDDIO
V
VOL
Low-level output voltage
IOL = 4 mA , VDDIO = 1.65 V
0
0.33
V
ELECTRICAL SPECIFICATIONS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TOTAL SWITCH CURRENT CONSUMPTION
IBAT(Standby)
VBAT Standby current consumption
VBUS = 0 V, Idle state
25
30
µA
IDD(Operating)
VBAT Operating current consumption
VBUS_IN = 0 V, USB switches ON
45
75
µA
VOLTAGE PROTECTION
VBUS under voltage +
Voltage is rising
2.85
VVBUS_UVLO
V
VBUS under voltage–
Voltage is falling
2.55
VBUS under voltage +
Voltage is rising
2.65
VVBAT_UVLO
V
VBUS under voltage–
Voltage is falling
2.45
VBUS under voltage +
Voltage is rising
1.30
VVDDIO_UVLO
V
VBUS under voltage–
Voltage is falling
1.05
(1)
VO is equal to the asserted voltage on DP_CON and DM_CON pins. VI is equal to the asserted voltage on DP_HT and DM_HT pins. IO
is equal to the current on the DP_CON and DM_CON pins. II is equal to the current on the DP_HT and DM_HT pins.
6
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com