Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU6111ARSVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 7Page - Texas Instruments TSU6111ARSVR Datasheet HTML 8Page - Texas Instruments TSU6111ARSVR Datasheet HTML 9Page - Texas Instruments TSU6111ARSVR Datasheet HTML 10Page - Texas Instruments TSU6111ARSVR Datasheet HTML 11Page - Texas Instruments TSU6111ARSVR Datasheet HTML 12Page - Texas Instruments TSU6111ARSVR Datasheet HTML 13Page - Texas Instruments TSU6111ARSVR Datasheet HTML 14Page - Texas Instruments TSU6111ARSVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TSU6111A
www.ti.com
SCDS331
– FEBRUARY 2012
Power-On Reset
When power (from 0 V) is applied to VBAT, an internal power-on reset holds the TSU6111A in a reset condition
until VBAT has reached VPOR. Once VBAT has reached VPOR, the reset condition is released, and the TSU6111A
registers and I2C state machine initialize to their default states.
After the initial power-up phase, VBAT must be lowered to below 0.2 V and then back up to the operating voltage
(VDDIO) for a power-reset cycle.
Software Reset
The TSU6111A has software reset feature.
•
Hold low both I2C_SCL and I2C_SDA for more than 30ms to reset digital logic of the TSU6111A.
After resetting the digital logic, INTB will keep low until INT_Mask bit of Control register (0x02) is cleared.
Figure 1. Software Reset
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com