Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU6111ARSVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 4 Page - Texas Instruments

  TSU6111ARSVR Datasheet HTML 1Page - Texas Instruments TSU6111ARSVR Datasheet HTML 2Page - Texas Instruments TSU6111ARSVR Datasheet HTML 3Page - Texas Instruments TSU6111ARSVR Datasheet HTML 4Page - Texas Instruments TSU6111ARSVR Datasheet HTML 5Page - Texas Instruments TSU6111ARSVR Datasheet HTML 6Page - Texas Instruments TSU6111ARSVR Datasheet HTML 7Page - Texas Instruments TSU6111ARSVR Datasheet HTML 8Page - Texas Instruments TSU6111ARSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TSU6111A
SCDS331
– FEBRUARY 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VBUS
Supply voltage from USB connector
–0.5
28
V
VBAT
Supply voltage from battery
–0.5
6.0
VDDIO
Logic supply voltage
–0.5
4.6
V
VID_CON
ID Connector voltage
–0.5
VBAT+0.5
V
VUSBIO
Switch I/O voltage range
USB Switch
–0.5
VBAT+0.5
V
VUARTIO
Switch I/O voltage range
UART Switch
–0.5
VBAT+0.5
V
VJIG
JIG voltage
–0.5
VBAT+0.5
V
VLOGIC_O
Voltage applied to logic output (SCL, SDA, INTB, BOOT)
–0.5
4.6
V
IK
Analog port diode current
–50
50
mA
ISW-DC
ON-state continuous switch current
–60
60
mA
ISW
ON-state peak switch current PEAK
–150
150
mA
IIK
Digital logic input clamp current
VDDIO < 0
–50
mA
ILOGIC_O
Continuous current through logic output (SCL, SDA, INTB, BOOT)
–50
50
mA
IGND
Continuous current through GND
100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
THERMAL IMPEDANCE RATINGS
UNIT
θJA
Package thermal impedance
RSV package
184
°C/W
4
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com