Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU6111ARSVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 3Page - Texas Instruments TSU6111ARSVR Datasheet HTML 4Page - Texas Instruments TSU6111ARSVR Datasheet HTML 5Page - Texas Instruments TSU6111ARSVR Datasheet HTML 6Page - Texas Instruments TSU6111ARSVR Datasheet HTML 7Page - Texas Instruments TSU6111ARSVR Datasheet HTML 8Page - Texas Instruments TSU6111ARSVR Datasheet HTML 9Page - Texas Instruments TSU6111ARSVR Datasheet HTML 10Page - Texas Instruments TSU6111ARSVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TSU6111A
www.ti.com
SCDS331
– FEBRUARY 2012
USB AND UART SWITCH ELECTRICAL CHARACTERISTICS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VUSBIO
Analog signal range
0
VBAT
V
DM_HT, DP_HT,
VI = 0 V to 3.6 V, IO = –2 mA,
rON
ON-state resistance
8
15
Ω
DM_CON, DP_CON
VBAT = 3.0 V
ON-state resistance
DM_HT, DP_HT,
ΔrON
VI = 0.4 V, IO = –2 mA, VBAT = 3.0 V
0.5
2
Ω
match between channels
DM_CON, DP_CON
DM_HT, DP_HT,
VI = 0 V to 3.6 V, IO = –2 mA,
ON-state resistance
rON(flat)
0.5
2
Ω
flatness
DM_CON, DP_CON
VBAT = 3.0 V
VI = 0.3 V, VO = 2.7 V or
IIO(OFF)
VI or VO OFF leakage current
VI = 2.7 V, VO = 0.3 V,
45
200
nA
VBAT = 4.4 V, Switch OFF
VI = OPEN, VO = 0.3 V or 2.7 V,
IIO(ON)
VO ON leakage current
50
200
nA
VBAT = 4.4 V, Switch ON
DYNAMIC
From receipt of I2C ACK
tON
Turn-ON time
VI or VO = VBAT, RL = 50 Ω, CL = 35 pF
95
µs
bit
From receipt of I2C ACK
tOFF
Turn-OFF time
VI or VO = VBAT, RL = 50 Ω, CL = 35 pF
3.5
µs
bit
DC bias = 0 V or 3.6 V, f = 10 MHz,
CI(OFF)
VI OFF capacitance
4
pF
Switch OFF
DC bias = 0 V or 3.6 V, f = 10 MHz,
CO(OFF)
VO OFF capacitance
7
pF
Switch OFF
CI(ON),
DC bias = 0 V or 3.6 V, f = 10 MHz,
VI, VO ON capacitance
9
pF
CO(ON)
Switch ON
BW
Bandwidth
RL = 50 Ω, Switch ON
920
MHz
OISO
OFF Isolation
f = 240 MHz, RL = 50 Ω, Switch OFF
–26
dB
XTALK
Crosstalk
f = 240 MHz, RL = 50 Ω
–32
dB
(1)
VO is equal to the asserted voltage on DP_CON and DM_CON pins. VI is equal to the asserted voltage on DP_HT and DM_HT pins. IO
is equal to the current on the DP_CON and DM_CON pins. II is equal to the current on the DP_HT and DM_HT pins.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com