Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU6111ARSVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 17Page - Texas Instruments TSU6111ARSVR Datasheet HTML 18Page - Texas Instruments TSU6111ARSVR Datasheet HTML 19Page - Texas Instruments TSU6111ARSVR Datasheet HTML 20Page - Texas Instruments TSU6111ARSVR Datasheet HTML 21Page - Texas Instruments TSU6111ARSVR Datasheet HTML 22Page - Texas Instruments TSU6111ARSVR Datasheet HTML 23Page - Texas Instruments TSU6111ARSVR Datasheet HTML 24Page - Texas Instruments TSU6111ARSVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TSU6111A
www.ti.com
SCDS331
– FEBRUARY 2012
Device Type 1
Address: 0Ah
Reset Value: 00000000
Type: Read
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
0
Audio type 1
1
Audio device type 1
1
Audio type 2
1
Audio device type 2
2
USB
1
USB host
3
UART
1
UART
4
Unused
1
Unused
5
CDP
1
Charging Downstream Port (USB Host Hub Charger)
6
DCP
1
Dedicated Charging Port
7
USB OTG
1
USB on-the-go device
Device Type 2
Address: 0Bh
Reset Value:00000000
Type: Read
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
0
JIG_USB_ON
1
Factory mode cable
1
JIG_USB_OFF
1
Factory mode cable
2
JIG_UART_ON
1
Factory mode cable
3
JIG_UART_OFF
1
Factory mode cable
4
PPD
1
Phone-powered device
5
TTY
1
TTY converter
6
Audio/Video
1
A/V cable
7
Audio type 3
1
Audio device type 3
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com