Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU6111ARSVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 1 Page - Texas Instruments

  TSU6111ARSVR Datasheet HTML 1Page - Texas Instruments TSU6111ARSVR Datasheet HTML 2Page - Texas Instruments TSU6111ARSVR Datasheet HTML 3Page - Texas Instruments TSU6111ARSVR Datasheet HTML 4Page - Texas Instruments TSU6111ARSVR Datasheet HTML 5Page - Texas Instruments TSU6111ARSVR Datasheet HTML 6Page - Texas Instruments TSU6111ARSVR Datasheet HTML 7Page - Texas Instruments TSU6111ARSVR Datasheet HTML 8Page - Texas Instruments TSU6111ARSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
BATTERY
VBAT
RxD
TxD
DP_HT
DM_HT
MIC
MIC
MIC
MIC
ID_CON
DP_CON
VBUS
DM_CON
TSU6111
USB
UART
inside
outside
VBUS
ID_CON
DP_CON
DM_CON
IEC ESD
I2C
Control
USB2.0 High
Speed
USB2.0 High
Speed
TSU6111A
www.ti.com
SCDS331
– FEBRUARY 2012
USB Port SP2T Switch Supports USB
& UART
Check for Samples: TSU6111A
1
FEATURES
•
Max Voltage
– 28V VBUS rating
•
Switch Matrix
•
ESD Performance Tested Per JESD 22
– USB
– 5000-V Human-Body Model
– UART Supports USB 2.0 High Speed
(A114-B, Class II)
•
Charger Detection
– 1000-V Charged-Device Model (C101)
– USB BCDv1.1 Compliant
•
IEC ESD Performance
– VBUS Detection
– ±8kV Contact Discharge (IEC 61000-4-2) for
– Data Contact Detection
VBUS/DP_CON/DM_CON/ID_CON to GND
– Primary and Secondary Detection
•
Surge Protection on VBUS/DP_CON/DM_CON
•
Compatible Accessories
– USB Connector Pins Without External
– USB Chargers (DCP, CDP)
Component
– Factory Cable
•
Additional Features
APPLICATIONS
– I2C Interface with Host Processor
•
Cell Phones and Smart Phones
– Switches Controlled by Automatic
•
Tablet PCs
Detection or Manual Control
•
Digital Cameras and Camcorders
– Interrupts Generated for Plug/Unplug
•
GPS Navigation Systems
– Support Control Signals used In
•
Micro USB interface with USB/UART
Manufacturing (JIG, BOOT)
TYPICAL APPLICATION DIAGRAM
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
uQFN 0.4-mm pitch
– RSV
Tape and Reel
TSU6111RSVR
ZTC
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSU6111ARSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
TSU6111RSVR TI1-TSU6111RSVR Datasheet
869Kb / 25P
SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
More results

Similar Description - TSU6111ARSVR

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
USB UART ( USB - Serial) I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
USB UART ( USB - Serial) I.C.
logo
Texas Instruments
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
TSU8111 TI-TSU8111 Datasheet
184Kb / 6P
SINGLE CELL CHARGER AND USB SP2T SWITCH SUPPORT USB AND UART
TSU6721YFF TI-TSU6721YFF Datasheet
658Kb / 38P
MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
TSU6721 TI-TSU6721 Datasheet
722Kb / 8P
MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
logo
Future Technology Devic...
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
USB UART IC
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
USB UART IC
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
USB UART IC
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com