Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU6111ARSVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 6Page - Texas Instruments TSU6111ARSVR Datasheet HTML 7Page - Texas Instruments TSU6111ARSVR Datasheet HTML 8Page - Texas Instruments TSU6111ARSVR Datasheet HTML 9Page - Texas Instruments TSU6111ARSVR Datasheet HTML 10Page - Texas Instruments TSU6111ARSVR Datasheet HTML 11Page - Texas Instruments TSU6111ARSVR Datasheet HTML 12Page - Texas Instruments TSU6111ARSVR Datasheet HTML 13Page - Texas Instruments TSU6111ARSVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TSU6111A
SCDS331
– FEBRUARY 2012
www.ti.com
ACCESSORY ID DETECTION
If VBUS_IN is high and the attachment is not a charger, then determine the impedance on the ID pin. If VBUS_IN is
low and an accessory is attached, then use an ADC for impedance sensing on the ID pin to identify which
accessory is attached.
IMPEDANCE BUCKETS FOR EACH ACCESSORY
In order to implement ID detection, each accessory should contain a ID impedance resistor value (refer
toTable 2) which has a 5% tolerance accuracy.
Table 2. Accessory ID and Switch States
SWITCH STATE
FACTORY CABLE
DETECTED
RESISTOR
ADC
ACCCESSORY
IMPEDANCE
TOLERANCE
DP/DM
VALUE
JIG
BOOT
ON ID
(%)
USB
UART
OTG
0
—
0
ON
OFF
OFF
OFF
MHL
1K
5%
0
OFF
OFF
OFF
OFF
Audio Device Type 3
28.7K
5%
1110
OFF
OFF
OFF
OFF
Reserved Accessory #1
34K
5%
1111
OFF
OFF
OFF
OFF
Reserved Accessory #2
40.2K
5%
10000
OFF
OFF
OFF
OFF
Reserved Accessory #3
49.9K
5%
10001
OFF
OFF
OFF
OFF
Reserved Accessory #4
64.9K
5%
10010
OFF
OFF
OFF
OFF
Audio Device Type 2
80.27K
5%
10011
OFF
OFF
OFF
OFF
Phone Powered Device
102K
5%
10100
OFF
ON
OFF
OFF
TTY Converter
121K
5%
10101
OFF
OFF
OFF
OFF
UART Cable
150K
5%
10110
OFF
ON
OFF
OFF
Type 1 Charger
200K
5%
10111
OFF
OFF
OFF
OFF
Factory Mode Cable - Boot Off USB
255K
5%
11000
ON
OFF
ON
OFF
Factory Mode Cable - Boot On USB
301K
5%
11001
ON
OFF
ON
ON
Audio/Video Cable
365K
5%
11010
OFF
OFF
OFF
OFF
Type 2 Charger
442K
5%
11011
OFF
OFF
OFF
OFF
Factory Mode Cable - Boot Off UART
523K
5%
11100
OFF
ON
ON
OFF
Factory Mode Cable - Boot On UART
619K
5%
11101
OFF
ON
ON
ON
Stereo Headset with Remote (Audio Device Type 1)
1000.07K
10%
11110
OFF
OFF
OFF
OFF
Mono/Stereo Headset (Audio Device Type 1)
1002K
10%
11110
OFF
OFF
OFF
OFF
No ID
—
—
11111
OFF
OFF
OFF
OFF
USB Standard Downstream Port
—
—
11111
ON
OFF
OFF
OFF
USB Charging Downstream Port
—
—
11111
ON
OFF
OFF
OFF
Dedicated Charging Port
—
—
11111
OFF
OFF
OFF
OFF
10
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com