Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN322 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # DFN322
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN322 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button DFN322 Datasheet HTML 7Page - Diodes Incorporated DFN322 Datasheet HTML 8Page - Diodes Incorporated DFN322 Datasheet HTML 9Page - Diodes Incorporated DFN322 Datasheet HTML 10Page - Diodes Incorporated DFN322 Datasheet HTML 11Page - Diodes Incorporated DFN322 Datasheet HTML 12Page - Diodes Incorporated DFN322 Datasheet HTML 13Page - Diodes Incorporated DFN322 Datasheet HTML 14Page - Diodes Incorporated DFN322 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
AP02002 Rev. 60
11 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
U-DFN3020-8
Type M
U-DFN3020-8
Type M
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
−
−
0.015
b
0.25
0.35
0.30
D
2.95
3.05
3.00
D1
1.12
1.32
1.22
D2
1.00
1.20
1.10
D3
0.45
0.55
0.50
E
1.95
2.05
2.00
E1
0.48
0.68
0.58
E2
0.48
0.68
0.58
E3
0.35
0.45
0.40
e
−
−
0.65
L
0.25
0.35
0.30
L1
1.08
1.28
1.18
L2
0.45
0.55
0.50
Z
−
−
0.175
All Dimensions in mm
U-DFN3020-10
U-DFN3020-10
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
-
-
0.15
b
0.15
0.25
0.20
D
2.95
3.05
3.00
D1
0.25
0.45
0.35
E
1.95
2.05
2.00
E1
0.90
1.10
1.00
e
-
-
0.60
e1
-
-
0.65
e2
0.50
0.70
0.60
L
0.25
0.35
0.30
Z
-
-
0.15
All Dimensions in mm
D
E
e
b
L2
A
A1
A3
E2
L
E3
D3
E1
D1
D2
Z
L1
Pin1
D
E
e
b(10x)
L(10x)
A
A1
A3
(Pin #1 ID)
Seating Plane
Z(4x)
e1
E1 (3x)
D1(3x)
e2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com