Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN322 Datasheet(PDF) 28 Page - Diodes Incorporated

Part # DFN322
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN322 Datasheet(HTML) 28 Page - Diodes Incorporated

Back Button DFN322 Datasheet HTML 24Page - Diodes Incorporated DFN322 Datasheet HTML 25Page - Diodes Incorporated DFN322 Datasheet HTML 26Page - Diodes Incorporated DFN322 Datasheet HTML 27Page - Diodes Incorporated DFN322 Datasheet HTML 28Page - Diodes Incorporated DFN322 Datasheet HTML 29Page - Diodes Incorporated DFN322 Datasheet HTML 30Page - Diodes Incorporated DFN322 Datasheet HTML 31Page - Diodes Incorporated DFN322 Datasheet HTML 32Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
AP02002 Rev. 60
28 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
SO-8EP (SOP-8L-EP)
SO-8EP (SOP-8L-EP)
Dim
Min
Max
Typ
A
1.40 1.50 1.45
A1
0.00 0.13
-
b
0.30 0.50 0.40
C
0.15 0.25 0.20
D
4.85 4.95 4.90
E
3.80 3.90 3.85
E0
3.85 3.95 3.90
E1
5.90 6.10 6.00
e
-
-
1.27
F
2.75 3.35 3.05
H
2.11 2.71 2.41
L
0.62 0.82 0.72
N
-
-
0.35
Q
0.60 0.70 0.65
All Dimensions in mm
SOP-8L-DEP
SOP-8L-DEP
Dim
Min
Max
Dim
Min
Max
A
-
1.75
e
1.27 Typ
A1
0.10
0.20
F1
0.685 Typ
A2
1.30
1.50
F2
0.713 Typ
A3
0.15
0.25
G
0.20 Typ
b
0.3
0.5
h
-
0.35
C1
1.7 Typ
L
0.62
0.82
C2
0.9 Typ
P1
2.05 Typ
D
4.85
4.95
P2
1.15 Typ
E
5.90
6.10
P3
2.15 Typ
E1
3.85
3.95
θ
0
°
8
°
All Dimensions in mm
SM-8
SM-8
Dim
Min
Max
Typ
A
-
1.7
-
A1
0.02
0.1
-
b
-
0.7
-
c
0.24
0.32
-
D
6.3
6.7
-
e
-
-
1.53
e1
-
-
4.59
E
6.7
7.3
-
E1
3.3
3.7
-
L
0.9
-
-
All Dimensions in mm
Gauge Plane
Seating Plane
E1
E
N
e
b
A
45°
E0
H
F
Exposed Pad
Bottom View
L
Q
C
7°
4° ± 3°
9° (All sides)
A1
D
14
85
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
C2
C1
Exposed Pad
Bottom View
C1
P1
P2
G
P3
F
F2
15°
45°
L
c
E1
E
D
b
ee1
A
A1
Pin #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com