Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN322 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # DFN322
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN322 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button DFN322 Datasheet HTML 18Page - Diodes Incorporated DFN322 Datasheet HTML 19Page - Diodes Incorporated DFN322 Datasheet HTML 20Page - Diodes Incorporated DFN322 Datasheet HTML 21Page - Diodes Incorporated DFN322 Datasheet HTML 22Page - Diodes Incorporated DFN322 Datasheet HTML 23Page - Diodes Incorporated DFN322 Datasheet HTML 24Page - Diodes Incorporated DFN322 Datasheet HTML 25Page - Diodes Incorporated DFN322 Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
AP02002 Rev. 60
22 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
POWERDI
®
5060-8
POWERDI
®
5060-8
Dim
Min
Max
Typ
A
0.90
1.10
1.00
A1
0.00
0.05
−
b
0.33
0.51
0.41
b2
0.200
0.350
0.273
b3
0.40
0.80
0.60
c
0.230
0.330
0.277
D
5.15 BSC
D1
4.70
5.10
4.90
D2
3.70
4.10
3.90
D3
3.90
4.30
4.10
E
6.15 BSC
E1
5.60
6.00
5.80
E2
3.28
3.68
3.48
E3
3.99
4.39
4.19
e
1.27 BSC
G
0.51
0.71
0.61
K
0.51
−
−
L
0.51
0.71
0.61
L1
0.050
0.20
0.175
M
3.235
4.035
3.635
M1
1.00
1.40
1.21
Θ
10º
12º
11º
Θ1
6º
8º
7º
All Dimensions in mm
POWERDI
®
5060-8
Type B
POWERDI
®
5060-8
TYPE B
Dim
Min
Max
Typ
A
0.90
1.10
1.00
A1
0.00
0.05
––
b
0.33
0.51
0.41
b2
0.20
0.40
0.273
c
0.230
0.330
0.273
D
5.15 BSC
D1
4.70
5.10
4.90
D2
3.50
4.40
3.90
E
6.15 BSC
E1
5.60
6.00
5.80
E2
2.25
2.65
2.45
E3
0.595
0.995
0.795
e
1.27 BSC
G
0.51
0.71
0.61
K
0.51
––
––
K1
0.51
––
––
L
0.51
0.71
0.61
L1
0.05
0.20
0.175
M
3.235
4.035
3.635
M1
1.00
1.40
1.21
θ1
10°
12°
11°
θ2
6°
8°
7°
All Dimensions in mm
D1
E1
A
L
K
M
L1
D2
G
E2
Detail A
O (4X)
A1
c
e
D
E
1
Detail A
b (8X)
e/2
1
O (4X)
M1
b2 (4X)
b3 (4X)
E3
D3
D 1
E 1
A
D
E
D E T A I L A
1 . 9 0 0
1 . 4 0 0
Ø 1 . 0 0 0 D e p t h 0 . 0 7 ± 0 . 0 3 0
L
K
M
L 1
D 2
G
E 2
A 1
c
b
8 X
e / 2
M 1
b 2
4 X
K 1
E 3
e
θ (4
X
)
θ1 (4
X
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com