Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN322 Datasheet(PDF) 36 Page - Diodes Incorporated

Part # DFN322
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN322 Datasheet(HTML) 36 Page - Diodes Incorporated

Back Button DFN322 Datasheet HTML 32Page - Diodes Incorporated DFN322 Datasheet HTML 33Page - Diodes Incorporated DFN322 Datasheet HTML 34Page - Diodes Incorporated DFN322 Datasheet HTML 35Page - Diodes Incorporated DFN322 Datasheet HTML 36Page - Diodes Incorporated DFN322 Datasheet HTML 37Page - Diodes Incorporated DFN322 Datasheet HTML 38Page - Diodes Incorporated DFN322 Datasheet HTML 39Page - Diodes Incorporated DFN322 Datasheet HTML 40Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
AP02002 Rev. 60
36 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
TO263-5
TO263-5
Dim
Min
Max
A
4.07
4.85
A1
1.14
1.40
b
0.66
1.02
c
0.36
0.64
D
8.65
9.65
E
9.78
10.54
e
1.57
1.85
L
14.61
15.88
L1
2.29
2.79
L2
-
2.92
All Dimensions in mm
TO92
TO92 -3
Dim
Min
Max
Typ
A
3.45
3.66
−
B
4.27
4.78
b
−
−
0.38
c
−
−
0.38
D
−
−
3.87
E
4.32
4.83
−
e
−
−
1.27
e2
2.40
2.90
−
L
12.98
15.00
−
L1
12.80
15.00
−
L2
0.80
−
−
L3
2.00
3.00
−
N
1.22
1.37
−
All Dimensions in mm
e
b
L2
A
A1
L
D
c
L1
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com