Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN322 Datasheet(PDF) 38 Page - Diodes Incorporated

Part # DFN322
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN322 Datasheet(HTML) 38 Page - Diodes Incorporated

Back Button DFN322 Datasheet HTML 34Page - Diodes Incorporated DFN322 Datasheet HTML 35Page - Diodes Incorporated DFN322 Datasheet HTML 36Page - Diodes Incorporated DFN322 Datasheet HTML 37Page - Diodes Incorporated DFN322 Datasheet HTML 38Page - Diodes Incorporated DFN322 Datasheet HTML 39Page - Diodes Incorporated DFN322 Datasheet HTML 40Page - Diodes Incorporated DFN322 Datasheet HTML 41Page - Diodes Incorporated DFN322 Datasheet HTML 42Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
AP02002 Rev. 60
38 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
TSSOP-16EP
TSSOP-16EP
Dim
Min
Max
Typ
A
-
1.20
-
A1
0.025
0.100
-
A2
0.80
1.05
0.90
b
0.19
0.30
-
c
0.09
0.20
-
D
4.90
5.10
5.00
E
6.20
6.60
6.40
E1
4.30
4.50
4.40
e
0.65 BSC
L
0.45
0.75
0.60
L1
1.0 REF
L2
0.65 BSC
X
-
-
2.997
Y
-
-
2.997
θ1
0°
8°
-
All Dimensions in mm
TSSOP-20
TSSOP-20
Dim
Min
Max
Typ
A
-
1.20
-
A1
0.05
0.15
-
A2
0.80
1.05
-
b
0.19
0.30
-
c
0.09
0.20
-
D
6.40
6.60
6.50
E
6.20
6.60
6.40
E1
4.30
4.50
4.40
e
0.65 BSC
L
0.45
0.75
0.60
L1
1.0 REF
θ1
0°
8°
-
θ2
10°
14°
12°
θ3
10°
14°
12°
All Dimensions in mm
TSSOP-20EP
TSSOP-20EP
Dim
Min
Max
Typ
A
-
1.20
-
A1
0.025
0.100
-
A2
0.80
1.05
0.90
b
0.19
0.30
-
c
0.09
0.20
-
D
6.40
6.60
6.50
E
6.20
6.60
6.40
E1
4.30
4.50
4.40
L
0.45
0.75
0.60
L1
1.0 REF
L2
0.65 BSC
X
-
-
4.191
Y
-
-
2.997
θ1
0°
8°
-
All Dimensions in mm
ID MARK
PIN 1
e
D
E
E1
A2
A
A1
b
DETAIL
Seating Plane
θ1
Gauge Plane
0.25
L
L1
X
Y
ID MARK
PIN 1
e
D
E
E1
A2
A
A1
b
DETAIL
Seating Plane
θ1
Gauge Plane
0.25
L
L1
θ2
θ3
ID MARK
PIN 1
E
E1
D
e
b
A1
A2
A
DETAIL
Seating Plane
θ1
Gauge Plane
0.25
X
Y
L
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com