Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN322 Datasheet(PDF) 39 Page - Diodes Incorporated

Part # DFN322
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN322 Datasheet(HTML) 39 Page - Diodes Incorporated

Back Button DFN322 Datasheet HTML 35Page - Diodes Incorporated DFN322 Datasheet HTML 36Page - Diodes Incorporated DFN322 Datasheet HTML 37Page - Diodes Incorporated DFN322 Datasheet HTML 38Page - Diodes Incorporated DFN322 Datasheet HTML 39Page - Diodes Incorporated DFN322 Datasheet HTML 40Page - Diodes Incorporated DFN322 Datasheet HTML 41Page - Diodes Incorporated DFN322 Datasheet HTML 42Page - Diodes Incorporated DFN322 Datasheet HTML 43Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
AP02002 Rev. 60
39 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
TSOT25
TSOT25
Dim
Min
Max
Typ
A
-
1.00
-
A1
0.01
0.10
-
A2
0.84
0.90
-
D
-
-
2.90
E
-
-
2.80
E1
-
-
1.60
b
0.30
0.45
-
c
0.12
0.20
-
e
-
-
0.95
e1
-
-
1.90
L
0.30
0.50
L2
-
-
0.25
θ
0°
8°
4°
θ1
4°
12°
-
All Dimensions in mm
TSOT26
TSOT26
Dim
Min
Max
Typ
A
-
1.00
-
A1
0.01
0.10
-
A2
0.84
0.90
-
D
-
-
2.90
E
-
-
2.80
E1
-
-
1.60
b
0.30
0.45
-
c
0.12
0.20
-
e
-
-
0.95
e1
-
-
1.90
L
0.30
0.50
-
L2
-
-
.25
θ
0°
8°
4°
θ1
4°
12°
-
All Dimensions in mm
X2-WLB0505-3
X2-WLB0505-3
Dim
Min
Max
Typ
A
0.35
0.40
−
A1
0.00
0.01
−
b
0.12
0.18
0.15
D
−
−
0.50
E
−
−
0.50
K
−
−
0.16
L
0.43
0.49
0.46
L1
0.07
0.13
0.10
L2
0.17
0.23
0.20
All Dimensions in mm
c
A1
L
E1
E
A2
D
e1
e
5x b
θ
4x 1
θ
L2
A
c
A1
L
E1
E
A2
D
e1
e
6x b
θ
4x 1
θ
L2
A
D
E
SEATING PLANE
A
A1
L2
L1
L
K
K
b
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com