Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN322 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # DFN322
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN322 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button DFN322 Datasheet HTML 14Page - Diodes Incorporated DFN322 Datasheet HTML 15Page - Diodes Incorporated DFN322 Datasheet HTML 16Page - Diodes Incorporated DFN322 Datasheet HTML 17Page - Diodes Incorporated DFN322 Datasheet HTML 18Page - Diodes Incorporated DFN322 Datasheet HTML 19Page - Diodes Incorporated DFN322 Datasheet HTML 20Page - Diodes Incorporated DFN322 Datasheet HTML 21Page - Diodes Incorporated DFN322 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
AP02002 Rev. 60
18 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
W-DFN5020-6
W-DFN5020-6
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3
-
-
0.15
b
0.20
0.30
0.25
D
1.90
2.10
2.00
D2
1.40
1.60
1.50
e
-
-
0.50
E
4.90
5.10
5.00
E2
2.80
3.00
2.90
L
0.35
0.65
0.50
Z
-
-
0.375
All Dimensions in mm
W-DFN5060-4
W-DFN5060-4
Dim
Min
Max
Typ
A
0.77
0.83
0.80
A1
0
0.05
0.02
A3
-
-
0.203
b
0.60
0.70
0.65
D
4.95
5.05
5.00
e
-
-
4.00
E
5.95
6.05
6.00
L
0.60
0.70
0.65
L1
0.05
0.15
0.10
All Dimensions in mm
DF-S / MiniDIP
DF-S
Dim
Min
Max
A
7.40
7.90
B
6.20
6.50
C
0.22
0.30
D
0.076
0.33
E
-
10.40
G
1.02
1.53
H
8.13
8.51
J
2.40
2.60
K
5.00
5.20
L
1.00
1.20
All Dimensions in mm
MiniDIP
Dim
Min
Max
A
5.43
5.75
B
3.6
4.0
C
0.15
0.35
D
0.05
0.20
E
-
7.0
G
0.70
1.10
H
4.5
4.9
J
2.3
2.7
K
2.3
2.7
L
0.50
0.80
All Dimensions in mm
e
D
A3
A1
A
E
D2
E2
L
Z
b
Pin 1 ID
D
e
A
A1
A3
E
L (4x)
b (4x)
L1 (4x)
12
43
Pin #1 ID
A
B
C
D
E
G
H
J
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com