Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN322 Datasheet(PDF) 37 Page - Diodes Incorporated

Part # DFN322
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN322 Datasheet(HTML) 37 Page - Diodes Incorporated

Back Button DFN322 Datasheet HTML 33Page - Diodes Incorporated DFN322 Datasheet HTML 34Page - Diodes Incorporated DFN322 Datasheet HTML 35Page - Diodes Incorporated DFN322 Datasheet HTML 36Page - Diodes Incorporated DFN322 Datasheet HTML 37Page - Diodes Incorporated DFN322 Datasheet HTML 38Page - Diodes Incorporated DFN322 Datasheet HTML 39Page - Diodes Incorporated DFN322 Datasheet HTML 40Page - Diodes Incorporated DFN322 Datasheet HTML 41Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
AP02002 Rev. 60
37 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
TSSOP-14
TSSOP-14
Dim
Min
Max
a1
7° (4X)
a2
0
°
8°
A
4.9
5.10
B
4.30
4.50
C
-
1.2
D
0.8
1.05
F
1.00 Typ
F1
0.45
0.75
G
0.65 Typ
K
0.19
0.30
L
6.40 Typ
All Dimensions in mm
TSSOP-16
TSSOP-16
Dim Min
Max
Typ
A
-
1.08
-
A1
0.05 0.15
-
A2
0.80 0.93
-
b
0.19 0.30
-
c
0.09 0.20
-
D
4.90 5.10
-
E
6.40 BSC
E1
4.30 4.50
-
e
0.65 BSC
L
0.45 0.75
-
L1
1.00 REF
L2
0.25 BSC
R
0.09
-
-
R1
0.09
-
-
X
-
-
1.350
Y
-
-
1.050
θ
0°
8°
-
θ1
5°
15°
-
θ2
0°
-
-
All Dimensions in mm
G
L
A
K
a1
D
C
F
F1
Pin#1Indent
Detail ‘A’
Detail ‘A’
Gauge Plane
Seating Plane
B
PIN 1
e
b
E
E/2
E1
A2
A
D
A1
X
Y
SEE DETAIL 'A'
SEATING
PLANE
GAUGE
PLANE
R
L
L1
L
2
Ø0.760Depth0.050±0.02
R1
θ1(8X)
θ2
θ
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com