Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN322 Datasheet(PDF) 29 Page - Diodes Incorporated

Part # DFN322
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN322 Datasheet(HTML) 29 Page - Diodes Incorporated

Back Button DFN322 Datasheet HTML 25Page - Diodes Incorporated DFN322 Datasheet HTML 26Page - Diodes Incorporated DFN322 Datasheet HTML 27Page - Diodes Incorporated DFN322 Datasheet HTML 28Page - Diodes Incorporated DFN322 Datasheet HTML 29Page - Diodes Incorporated DFN322 Datasheet HTML 30Page - Diodes Incorporated DFN322 Datasheet HTML 31Page - Diodes Incorporated DFN322 Datasheet HTML 32Page - Diodes Incorporated DFN322 Datasheet HTML 33Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
AP02002 Rev. 60
29 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
SOP-14
SOP-14
Dim
Min
Max
A
1.47
1.73
A1
0.10
0.25
A2
1.45 Typ
B
0.33
0.51
D
8.53
8.74
E
3.80
3.99
e
1.27 Typ
H
5.80
6.20
L
0.38
1.27
θ
0
°
8
°
All Dimensions in mm
SOP-16
SOP-16
Dim
Min
Max
A
1.40
1.75
A1
0.1
0.25
A2
1.30
1.50
B
0.33
0.51
C
0.19
0.25
D
9.80
10.00
E
3.80
4.00
e
1.27 Typ
H
5.80
6.20
L
0.38
1.27
θ
0
°
8
°
All Dimensions in mm
SOT143
SOT143
Dim
Min
Max
Typ
A1
0.37
0.51
0.400
A2
0.77
0.93
0.800
B
1.20
1.40
1.30
C
2.28
2.48
2.38
D
1.58
1.83
1.72
F
0.45
0.60
0.49
G
1.78
2.03
1.92
H
2.80
3.00
2.90
J
0.013
1.00
0.05
K
0.89
1.00
-
L
0.46
0.60
0.50
M
0.085
0.18
0.11
All Dimensions in mm
E
H
A
A2
e
D
A1
L
Gauge Plane
Detail “A”
Detail “A”
7°(
4x)
θ
B
D
E
H
L
A2
B
e
A1
A
C
Detail ‘A’
Detail ‘A’
Gauge Plane
θ
A2
J
L
M
B
C
A1
K
H
G
D
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com