Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN322 Datasheet(PDF) 45 Page - Diodes Incorporated

Part # DFN322
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN322 Datasheet(HTML) 45 Page - Diodes Incorporated

Back Button DFN322 Datasheet HTML 41Page - Diodes Incorporated DFN322 Datasheet HTML 42Page - Diodes Incorporated DFN322 Datasheet HTML 43Page - Diodes Incorporated DFN322 Datasheet HTML 44Page - Diodes Incorporated DFN322 Datasheet HTML 45Page - Diodes Incorporated DFN322 Datasheet HTML 46Page - Diodes Incorporated DFN322 Datasheet HTML 47Page - Diodes Incorporated DFN322 Datasheet HTML 48Page - Diodes Incorporated DFN322 Datasheet HTML 49Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
AP02002 Rev. 60
45 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
ITO220AC-S
ITO220AC-S
Dim
Min
Max
Typ
A
4.52
4.62
4.57
A1
0.51
1.39
--
A2
2.57
2.77
2.67
b
0.72
0.95
0.84
b2
1.15
1.34
1.26
c
0.356
0.61
--
D
14.22 16.51 15.00
D1
8.60
8.80
8.70
D2
13.68 14.08
--
e
2.49
2.59
2.54
e1
4.98
5.18
5.08
E
10.01 10.21 10.11
E1
6.86
8.89
--
H1
5.85
6.85
--
L
13.30 13.90 13.60
L1
--
4.00
--
L2
0.70
1.30
1.00
P
3.54
4.08
--
Q
2.54
3.42
--
All Dimensions in mm
KBJ
KBJ
Dim
Min
Max
A
24.80
25.20
B
14.70
15.30
C
3.90
4.10
D
17.20
17.80
E
0.90
1.10
G
7.30
7.70
H
3.10
∅
3.40
∅
J
3.30
3.70
K
1.50
1.90
L
9.30
9.70
M
2.50
2.90
N
3.40
3.80
O
3.0 x 45
°
P
4.40
4.80
R
0.60
0.80
All Dimensions in mm
E
D1
D
L
2xe
2xb
A
A2
3xb2
D2
E1
5°Ref
Ø1.5 x Dp 0.1 max
Q
ØP
L1
c
A1
H1
e1
E/2
L2
1.7 Ref
_
A
B
D
J
K
C
E
G
H
L
M
N
P
R
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com