Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AX Datasheet(PDF) 78 Page - SONiX Technology Company

Part # SN8P1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AX Datasheet(HTML) 78 Page - SONiX Technology Company

Back Button SN8P1702AX Datasheet HTML 74Page - SONiX Technology Company SN8P1702AX Datasheet HTML 75Page - SONiX Technology Company SN8P1702AX Datasheet HTML 76Page - SONiX Technology Company SN8P1702AX Datasheet HTML 77Page - SONiX Technology Company SN8P1702AX Datasheet HTML 78Page - SONiX Technology Company SN8P1702AX Datasheet HTML 79Page - SONiX Technology Company SN8P1702AX Datasheet HTML 80Page - SONiX Technology Company SN8P1702AX Datasheet HTML 81Page - SONiX Technology Company SN8P1702AX Datasheet HTML 82Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 78
Revision 0.5
PWM PROGRAM DESCRIPTION
Example: Setup PWM0 output from TC0 to PWM0OUT (P5.4). The external high-speed oscillator clock is
4MHz. The duty of PWM is 30/256. The PWM frequency is about 1KHz. The PWM clock source is
from external oscillator clock. TC0 rate is Fcpu/4. The TC0RATE2~TC0RATE1 = 110, TC0C = TC0R
= 30, TC0X8 =0, TC0_Counter=8-bit
B0BCLR
FTC0X8
MOV
A,#01100000B
B0MOV
TC0M,A
; Set the TC0 rate to Fcpu/4
MOV
A,#0x00
;First Time Initial TC0
B0MOV
TC0C,A
MOV
A,#30
; Set the PWM duty to 30/256
B0MOV
TC0R,A
B0BCLR
FTC0OUT
; Disable TC0OUT function.
B0BSET
FPWM0OUT
; Enable PWM0 output to P5.4 and disable P5.4 I/O function
B0BSET
FTC0ENB
; Enable TC0 timer
Note1: The TC0R and TC1R are write-only registers. Don’t process them using INCMS, DECMS
instructions.
Note2: Set TC0C at initial is to make first duty-cycle correct. After TC0 is enabled, don’t modify TC0R
value to avoid duty cycle error of PWM output.
Example: Modify TC0R/TC1R registers’ value.
MOV
A, #30H
; Input a number using B0MOV instruction.
B0MOV
TC0R, A
INCMS
BUF0
; Get the new TC0R value from the BUF0 buffer defined by
B0MOV
A, BUF0
; programming.
B0MOV
TC0R, A
Note2: That is better to set the TC0C and TC0R value together when PWM0 duty modified. It protects the
PWM0 signal no glitch as PWM0 duty changing. That is better to set the TC1C and TC1R value together
when PWM1 duty modified. It protects the PWM1 signal no glitch as PWM1 duty changing.
Note3: The TC0OUT function must be set “0” when PWM0 output enable. The TC1OUT function must be
set “0” when PWM1 output enable.
Note4: The PWM can work with interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com