Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AX Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SN8P1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AX Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SN8P1702AX Datasheet HTML 4Page - SONiX Technology Company SN8P1702AX Datasheet HTML 5Page - SONiX Technology Company SN8P1702AX Datasheet HTML 6Page - SONiX Technology Company SN8P1702AX Datasheet HTML 7Page - SONiX Technology Company SN8P1702AX Datasheet HTML 8Page - SONiX Technology Company SN8P1702AX Datasheet HTML 9Page - SONiX Technology Company SN8P1702AX Datasheet HTML 10Page - SONiX Technology Company SN8P1702AX Datasheet HTML 11Page - SONiX Technology Company SN8P1702AX Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 8
Revision 0.5
1
1
1 PRODUCT OVERVIEW
GENERAL DESCRIPTION
The SN8P1702A/SN8P1703A is a series of 8-bit micro-controller. This chip is utilized with CMOS technology
fabrication and featured with low power consumption and high performance by its unique electronic structure.
This chip is designed with the excellent IC structure including the large program memory OTP ROM, the massive data
memory RAM, two 8-bit timer counters (TC0, TC1), a watchdog timer, three interrupt sources (TC0, TC1, INT0), an
4-channel ADC converter with 8-bit/12-bit resolution, two channels high speed PWM output (PWM0, PWM1), two
channels buzzer output (BZ0, BZ1) and 8-level stack buffers.
Besides, the user can choose desired oscillator configurations for the controller. There are four oscillator configurations
to select for generating system clock, including High/Low Speed crystal, ceramic resonator or cost-saving RC. This
series also includes an internal RC oscillator for slow mode controlled by programming.
FEATURES SELECTION TABLE
Timer
PWM
Wakeup
CHIP
ROM RAM Stack
T0 TC0 TC1
I/O AVref ADC
Buzzer
Pin no.
Package
SN8P1702A 1K*16 128
-
V
V
12
-
4ch
2
3
DIP18/SOP18/SSOP20
SN8P1703A 1K*16 128
8
-
V
V
13
V
4ch
2
3
DIP20/SOP20/SSOP20
Table 1-1. Selection Table of SN8P1702A/SN8P1703A
MASK/OTP Relative Table
MASK Part Number Package Form
OTP Chip for Verification
Assembler Declaration
SN8A1702A
DIP18/SOP18 /SSOP20 SN8P1702A
CHIP SN8P1702A
SN8A1702B
DIP18/SOP18 /SSOP20 SN8P1702A
CHIP SN8P1702AOTP
SN8A1703A
DIP20/SOP20 /SSOP20 SN8P1703A
CHIP SN8P1703A
ADC GRADE TABLE
CHIP
PARAMETER
MIN
MAX
UNITS
Resolution
12
Bits
No Mission Code
8
12
Bits
SN8P1702A
SN8P1703A
Differential No linearity (DNL)
16
LSB
Resolution
12
Bits
No Mission Code
10
12
Bits
SN8P1702A-12
SN8P1703A-12
Differential No linearity (DNL)
4
LSB
Table 1-2. ADC Grade Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com