Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AX Datasheet(PDF) 94 Page - SONiX Technology Company

Part # SN8P1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AX Datasheet(HTML) 94 Page - SONiX Technology Company

Back Button SN8P1702AX Datasheet HTML 90Page - SONiX Technology Company SN8P1702AX Datasheet HTML 91Page - SONiX Technology Company SN8P1702AX Datasheet HTML 92Page - SONiX Technology Company SN8P1702AX Datasheet HTML 93Page - SONiX Technology Company SN8P1702AX Datasheet HTML 94Page - SONiX Technology Company SN8P1702AX Datasheet HTML 95Page - SONiX Technology Company SN8P1702AX Datasheet HTML 96Page - SONiX Technology Company SN8P1702AX Datasheet HTML 97Page - SONiX Technology Company SN8P1702AX Datasheet HTML 98Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 94
Revision 0.5
1
1
11
1
14-CHANNELANALOG TO DIGITAL
CONVERTER
OVERVIEW
This analog to digital converter of SN8P1702A/SN8P1703A has 4-input sources with up to 4096-step resolution to
transfer analog signal into 12-bits digital data. The sequence of ADC operation is to select input source (AIN0 ~ AIN3)
at first, then set GCHS and ADS bit to “1” to start conversion. When the conversion is complete, the ADC circuit will set
EOC bit to “1” and final value output in ADB register. This ADC circuit can select between 8-bit and 12-bit resolution
operation by programming ADLEN bit in ADR register.
Figure 11-1. AD Converter Function Diagram
Note: For 8-bit resolution, the conversion time is 12 steps.
For 12-bit resolution, the conversion time is 16 steps.
Note: The analog input level must be between the AVREFH and VSS.
Note: The AVREFH level must be between the VDD and VSS+1.2V.
A/D
CONVERTER
(ADC)
8/12
AIN0/P4.0
AIN2/P4.2
AIN3/P4.3
AIN1/P4.1
A/D
CONVERTER
(ADC)
8/12
8/12
AIN0/P4.0
AIN0/P4.0
AIN2/P4.2
AIN2/P4.2
AIN3/P4.3
AIN3/P4.3
AIN1/P4.1
AIN1/P4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com