Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AX Datasheet(PDF) 58 Page - SONiX Technology Company

Part # SN8P1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AX Datasheet(HTML) 58 Page - SONiX Technology Company

Back Button SN8P1702AX Datasheet HTML 54Page - SONiX Technology Company SN8P1702AX Datasheet HTML 55Page - SONiX Technology Company SN8P1702AX Datasheet HTML 56Page - SONiX Technology Company SN8P1702AX Datasheet HTML 57Page - SONiX Technology Company SN8P1702AX Datasheet HTML 58Page - SONiX Technology Company SN8P1702AX Datasheet HTML 59Page - SONiX Technology Company SN8P1702AX Datasheet HTML 60Page - SONiX Technology Company SN8P1702AX Datasheet HTML 61Page - SONiX Technology Company SN8P1702AX Datasheet HTML 62Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 58
Revision 0.5
TC0_Counter=8-bit, TC0X8=0
High speed mode (Fcpu = 3.58MHz / 4)
Low speed mode (Fosc = 32768Hz / 4)
TC0RATE TC0CLOCK
Max overflow interval
One step = max/256
Max overflow interval
One step = max/256
000
Fcpu/256
73.2 ms
286us
8000 ms
31.25 ms
001
Fcpu/128
36.6 ms
143us
4000 ms
15.63 ms
010
Fcpu/64
18.3 ms
71.5us
2000 ms
7.8 ms
011
Fcpu/32
9.15 ms
35.8us
1000 ms
3.9 ms
100
Fcpu/16
4.57 ms
17.9us
500 ms
1.95 ms
101
Fcpu/8
2.28 ms
8.94us
250 ms
0.98 ms
110
Fcpu/4
1.14 ms
4.47us
125 ms
0.49 ms
111
Fcpu/2
0.57 ms
2.23us
62.5 ms
0.24 ms
TC0_Counter=6-bit , TC0X8=0
High speed mode (Fcpu = 3.58MHz / 4)
Low speed mode (Fcpu = 32768Hz / 4)
TC0RATE TC0CLOCK
Max overflow interval
One step = max/64
Max overflow interval
One step = max/64
000
Fcpu/256
18.3 ms
286us
2000 ms
31.25 ms
001
Fcpu/128
9.15 ms
143us
1000 ms
15.63 ms
010
Fcpu/64
4.57 ms
71.5us
500 ms
7.8 ms
011
Fcpu/32
2.28 ms
35.8us
250 ms
3.9 ms
100
Fcpu/16
1.14 ms
17.9us
125 ms
1.95 ms
101
Fcpu/8
0.57 ms
8.94us
62.5 ms
0.98 ms
110
Fcpu/4
0.285 ms
4.47us
31.25 ms
0.49 ms
111
Fcpu/2
0.143 ms
2.23us
15.63 ms
0.24 ms
TC0_Counter=5-bit, TC0X8=0
High speed mode (Fcpu = 3.58MHz / 4)
Low speed mode (Fcpu = 32768Hz / 4)
TC0RATE TC0CLOCK
Max overflow interval
One step = max/32
Max overflow interval
One step = max/32
000
Fcpu/256
9.15 ms
286us
1000 ms
31.25 ms
001
Fcpu/128
4.57 ms
143us
500 ms
15.63 ms
010
Fcpu/64
2.28 ms
71.5us
250 ms
7.8 ms
011
Fcpu/32
1.14 ms
35.8us
125 ms
3.9 ms
100
Fcpu/16
0.57 ms
17.9us
62.5 ms
1.95 ms
101
Fcpu/8
0.285 ms
8.94us
31.25 ms
0.98 ms
110
Fcpu/4
0.143 ms
4.47us
15.63 ms
0.49 ms
111
Fcpu/2
71.25 us
2.23us
7.81 ms
0.24 ms
TC0_Counter=4-bit, TC0X8=0
High speed mode (Fcpu = 3.58MHz / 4)
Low speed mode (Fcpu = 32768Hz / 4)
TC0RATE TC0CLOCK
Max overflow interval
One step = max/16
Max overflow interval
One step = max/16
000
Fcpu/256
4.57 ms
286us
500 ms
31.25 ms
001
Fcpu/128
2.28 ms
143us
250 ms
15.63 ms
010
Fcpu/64
1.14 ms
71.5us
125 ms
7.8 ms
011
Fcpu/32
0.57 ms
35.8us
62.5 ms
3.9 ms
100
Fcpu/16
0.285 ms
17.9us
31.25 ms
1.95 ms
101
Fcpu/8
0.143 ms
8.94us
15.63 ms
0.98 ms
110
Fcpu/4
71.25 us
4.47us
7.81 ms
0.49 ms
111
Fcpu/2
35.63 us
2.23us
3.91 ms
0.24 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com