Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AX Datasheet(PDF) 30 Page - SONiX Technology Company

Part # SN8P1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AX Datasheet(HTML) 30 Page - SONiX Technology Company

Back Button SN8P1702AX Datasheet HTML 26Page - SONiX Technology Company SN8P1702AX Datasheet HTML 27Page - SONiX Technology Company SN8P1702AX Datasheet HTML 28Page - SONiX Technology Company SN8P1702AX Datasheet HTML 29Page - SONiX Technology Company SN8P1702AX Datasheet HTML 30Page - SONiX Technology Company SN8P1702AX Datasheet HTML 31Page - SONiX Technology Company SN8P1702AX Datasheet HTML 32Page - SONiX Technology Company SN8P1702AX Datasheet HTML 33Page - SONiX Technology Company SN8P1702AX Datasheet HTML 34Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 30
Revision 0.5
STACK REGISTERS
The stack pointer (STKP) is a 4-bit register to store the address used to access the stack buffer, 12-bits data memory
(STKnH and STKnL) set aside for temporary storage of stack addresses.
The two stack operations are writing to the top of the stack (Stack-Save) and reading (Stack-Restore) from the top of
stack. Stack-Save operation decrements the STKP and the Stack-Restore operation increments one time. That makes
the STKP always points to the top address of stack buffer and writes the last program counter value (PC) into the stack
buffer.
The program counter (PC) value is stored in the stack buffer before a CALL instruction executed or during interrupt
service routine. Stack operation is a LIFO type (Last in and first out). The stack pointer (STKP) and stack buffer
(STKnH and STKnL) are located in the system register area bank 0.
STKP (stack pointer) initial value = 0xxx 1111
0DFH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STKP
GIE
-
-
-
STKPB3
STKPB2
STKPB1
STKPB0
R/W
-
-
-
R/W
R/W
R/W
R/W
STKPBn: Stack pointer. (n = 0 ~ 3)
GIE: Global interrupt control bit. 0 = disable, 1 = enable. More detail information is in interrupt chapter.
Example: Stack pointer (STKP) reset routine.
MOV
A, #00001111B
B0MOV
STKP, A
STKn (stack buffer) initial value = xxxx xxxx xxxx xxxx, STKn = STKnH + STKnL (n = 7 ~ 0)
0F0H~0FFH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STKnH
-
-
-
-
-
-
SnPC9
SnPC8
-
-
-
-
-
-
R/W
R/W
0F0H~0FFH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STKnL
SnPC7
SnPC6
SnPC5
SnPC4
SnPC3
SnPC2
SnPC1
SnPC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
STKnH: Store PCH data as interrupt or call executing. The n expressed 0 ~7.
STKnL: Store PCL data as interrupt or call executing. The n expressed 0 ~7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com