Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AX Datasheet(PDF) 45 Page - SONiX Technology Company

Part # SN8P1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AX Datasheet(HTML) 45 Page - SONiX Technology Company

Back Button SN8P1702AX Datasheet HTML 41Page - SONiX Technology Company SN8P1702AX Datasheet HTML 42Page - SONiX Technology Company SN8P1702AX Datasheet HTML 43Page - SONiX Technology Company SN8P1702AX Datasheet HTML 44Page - SONiX Technology Company SN8P1702AX Datasheet HTML 45Page - SONiX Technology Company SN8P1702AX Datasheet HTML 46Page - SONiX Technology Company SN8P1702AX Datasheet HTML 47Page - SONiX Technology Company SN8P1702AX Datasheet HTML 48Page - SONiX Technology Company SN8P1702AX Datasheet HTML 49Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 45
Revision 0.5
SYSTEM OSCILLATOR CIRCUITS
MCU
XIN
VDD
XOUT
VSS
CRYSTAL
20PF
20PF
Figure 7-2. Crystal/Ceramic Oscillator
MCU
XIN
VDD
VSS
XOUT
C
R
Figure 7-3. RC Oscillator
XIN
VDD
MCU
VSS
XOUT
External Clock Input
Figure 7-4. External clock input
Note1: The VDD and VSS of external oscillator circuit must be from the micro-controller. Don’t connect
them from the neighbor power terminal.
Note2: The external clock input mode can select RC type oscillator or crystal type oscillator of the code
option and input the external clock into XIN pin.
Note3: In RC type oscillator code option situation, the external clock’s frequency is divided by 2.
Note4: The power and ground of external oscillator circuit must be connected from the micro-controller’s
VDD and VSS. It is necessary to step up the performance of the whole system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com