Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AX Datasheet(PDF) 93 Page - SONiX Technology Company

Part # SN8P1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AX Datasheet(HTML) 93 Page - SONiX Technology Company

Back Button SN8P1702AX Datasheet HTML 89Page - SONiX Technology Company SN8P1702AX Datasheet HTML 90Page - SONiX Technology Company SN8P1702AX Datasheet HTML 91Page - SONiX Technology Company SN8P1702AX Datasheet HTML 92Page - SONiX Technology Company SN8P1702AX Datasheet HTML 93Page - SONiX Technology Company SN8P1702AX Datasheet HTML 94Page - SONiX Technology Company SN8P1702AX Datasheet HTML 95Page - SONiX Technology Company SN8P1702AX Datasheet HTML 96Page - SONiX Technology Company SN8P1702AX Datasheet HTML 97Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 93
Revision 0.5
Example: Write one bit data to output port.
B0BSET
P1.1
; Set P1.1 and P4.0 to be “1”.
B0BSET
P4.0
B0BCLR
P1.0
; Set P1.0 and P5.5 to be “0”.
B0BCLR
P5.5
Example: Port bit test.
B0BTS1
P0.0
; Bit test 1 for P0.0
.
B0BTS0
P1.1
; Bit test 0 for P1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com