Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AX Datasheet(PDF) 16 Page - SONiX Technology Company

Part # SN8P1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AX Datasheet(HTML) 16 Page - SONiX Technology Company

Back Button SN8P1702AX Datasheet HTML 12Page - SONiX Technology Company SN8P1702AX Datasheet HTML 13Page - SONiX Technology Company SN8P1702AX Datasheet HTML 14Page - SONiX Technology Company SN8P1702AX Datasheet HTML 15Page - SONiX Technology Company SN8P1702AX Datasheet HTML 16Page - SONiX Technology Company SN8P1702AX Datasheet HTML 17Page - SONiX Technology Company SN8P1702AX Datasheet HTML 18Page - SONiX Technology Company SN8P1702AX Datasheet HTML 19Page - SONiX Technology Company SN8P1702AX Datasheet HTML 20Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 16
Revision 0.5
2
2
2 CODE OPTION TABLE
Code Option
Content
Function Description
RC
Low cost RC for external high clock oscillator
32K X’tal
Low frequency, power saving crystal (e.g. 32.768K) for external high
clock oscillator
12M X’tal
High speed crystal /resonator (e.g. 12M) for external high clock oscillator
High_Clk
4M X’tal
Standard crystal /resonator (e.g. 3.58M) for external high clock oscillator
Enable
External high clock divided by two, Fosc = high clock / 2
High_Clk / 2
Disable
Fosc = high clock
Enable
Enable Oscillator Safe Guard function
OSG
Disable
Disable Oscillator Safe Guard function
Enable
Enable Watch Dog function
Watch_Dog
Disable
Disable Watch Dog function
Enable
Enable ROM code Security function
Security
Disable
Disable ROM code Security function
8-bit
TC0 as 8-bit counter.
6-bit
TC0 as 6-bit counter.
5-bit
TC0 as 5-bit counter.
TC0_Counter
4-bit
TC0 as 4-bit counter.
8-bit
TC1 as 8-bit counter.
6-bit
TC1 as 6-bit counter.
5-bit
TC1 as 5-bit counter.
TC1_Counter
4-bit
TC1 as 4-bit counter.
Enable
Enable Noise Filter function to enhance EMI performance
Noise Filter
Disable
Disable Noise Filter function
Enable
Enable Low Power function to save Operating current
Low Power
Disable
Disable Low Power function
Always ON
Force Watch Dog Timer clock source come from INT 16K RC.
Also INT 16K RC never stop both in power down and green mode that
means Watch Dog Timer will always enable both in power down and
green mode.
INT_16K_RC
By_CPUM
Enable or Disable internal 16K(at 3V) RC clock by CPUM register
Table 2-1. Code Option Table of SN8P1702A/SN8P1703A
Notice:
In high noisy environment, enable “Noise Filter”, “OSG” and disable “Low Power” is strongly
recommended.
The side effect is to increase the lowest valid working voltage level if enable “Noise Filter” or
“OSG” or “Low Power” code option.
Enable “Low Power” option will reduce operating current except in 32K X’tal or slow mode.
If users select “32K X’tal” in “High_Clk” option, assembler will force “OSG” to be enabled.
If users select “RC” in “High_Clk” option, assembler will force “High_Clk / 2” to be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com