Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AX Datasheet(PDF) 54 Page - SONiX Technology Company

Part # SN8P1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AX Datasheet(HTML) 54 Page - SONiX Technology Company

Back Button SN8P1702AX Datasheet HTML 50Page - SONiX Technology Company SN8P1702AX Datasheet HTML 51Page - SONiX Technology Company SN8P1702AX Datasheet HTML 52Page - SONiX Technology Company SN8P1702AX Datasheet HTML 53Page - SONiX Technology Company SN8P1702AX Datasheet HTML 54Page - SONiX Technology Company SN8P1702AX Datasheet HTML 55Page - SONiX Technology Company SN8P1702AX Datasheet HTML 56Page - SONiX Technology Company SN8P1702AX Datasheet HTML 57Page - SONiX Technology Company SN8P1702AX Datasheet HTML 58Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 54
Revision 0.5
Note: The watch dog timer can be enabled or disabled by the code option.
Example: An operation of watchdog timer is as following. To clear the watchdog timer’s counter in the top
of the main routine of the program.
Main:
B0BSET
FWDRST
; Clear the watchdog timer’s counter.
.
.
CALL
SUB1
CALL
SUB2
.
.
.
.
.
.
JMP
MAIN
T0M Register
T0M initial value = xxxx 000x
0D8H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
T0M
-
-
-
-
TC1X8
TC0X8
TC0GN
-
-
-
-
-
R/W
R/W
R/W
-
Bit3
TC1X8: Multiple TC1 timer speed eight times. Refer TC1M register for detailed information.
0 = Disable
1 = Enable
Bit2
TC0X8: Multiple TC0 timer speed eight times. Refer TC0M register for detailed information.
0 = Disable
1 = Enable
Bit0
TC0GN: Enable TC0 green mode wakeup function
0 = Disable
1 = Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com