Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AX Datasheet(PDF) 25 Page - SONiX Technology Company

Part # SN8P1702AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AX Datasheet(HTML) 25 Page - SONiX Technology Company

Back Button SN8P1702AX Datasheet HTML 21Page - SONiX Technology Company SN8P1702AX Datasheet HTML 22Page - SONiX Technology Company SN8P1702AX Datasheet HTML 23Page - SONiX Technology Company SN8P1702AX Datasheet HTML 24Page - SONiX Technology Company SN8P1702AX Datasheet HTML 25Page - SONiX Technology Company SN8P1702AX Datasheet HTML 26Page - SONiX Technology Company SN8P1702AX Datasheet HTML 27Page - SONiX Technology Company SN8P1702AX Datasheet HTML 28Page - SONiX Technology Company SN8P1702AX Datasheet HTML 29Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 25
Revision 0.5
DATA MEMORY (RAM)
OVERVIEW
The SN8P1702A/SN8P1703A has internally built-in the data memory up to 256 bytes for storing the general-purpose
data.
128 * 8-bit general purpose area in bank 0
128 * 8-bit system special register area
The memory is separated into bank 0 and bank 1. The user can program RAM bank selection bits of RBANK register to
access all data in any of the two RAM banks. The bank 0, using the first 128-byte location assigned as
general-purpose area, and the remaining 128-byte in bank 0 as system register.
RAM location
000h
000h~07Fh of Bank 0 = To store general-
“
purpose data (128 bytes).
“
“
“
“
07Fh
General purpose area
080h
080h~0FFh of Bank 0 = To store system
“
registers (128 bytes).
“
“
“
“
System register
BANK 0
0FFh
End of bank 0 area
Figure 3-2. RAM Location
Note: The undefined locations of system register area are logic “high” after executing read instruction
“MOV
A, M”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com