Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP410MPAPREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410MPAPREP
Description  PanelBus??DIGITAL TRANSMITTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP410MPAPREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TFP410MPAPREP Datasheet HTML 12Page - Texas Instruments TFP410MPAPREP Datasheet HTML 13Page - Texas Instruments TFP410MPAPREP Datasheet HTML 14Page - Texas Instruments TFP410MPAPREP Datasheet HTML 15Page - Texas Instruments TFP410MPAPREP Datasheet HTML 16Page - Texas Instruments TFP410MPAPREP Datasheet HTML 17Page - Texas Instruments TFP410MPAPREP Datasheet HTML 18Page - Texas Instruments TFP410MPAPREP Datasheet HTML 19Page - Texas Instruments TFP410MPAPREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
TFP410-EP
PanelBus
™ DIGITAL TRANSMITTER
SGLS344A − JULY 2006 − REVISED MAY 2011
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
device configuration and I2C reset description
The TFP410 device configuration can be programmed by several different methods to allow maximum flexibility
for the user’s application. Device configuration is controlled depending on the state of the ISEL/RST pin,
configuration pins (BSEL, DSEL, EDGE, VREF), and state pins (PD, DKEN). I2C bus select and I2C reset (active
low) are shared functions on the ISEL/RST pin, which operates asynchronously.
Holding ISEL/RST low causes the device configuration to be set by the configuration pins (BSEL, DSEL, EDGE,
and VREF) and state pins (PD, DKEN). The I2C bus is disabled.
Holding ISEL/RST high causes the chip configuration to be set based on the configuration bits (BSEL, DSEL,
EDGE) and state bits (PD, DKEN) in the I2C registers. The I2C bus is enabled.
Momentarily bringing ISEL/RST low and then back high while the device is operating in normal or power-down
mode resets the I2C registers to their default values. The device configuration is changed to the default
power-up state with I2C enabled. After power up, the device must be reset. It is suggested that this pin be tied
to the system reset signal, which is low during power up and is then asserted high after all the power supplies
are fully functional.
DE generator
The TFP410 contains a DE generator that can be used to generate an internal DE signal when the original data
source does not provide one. There are several I2C programmable values that control the DE generator (see
Figure 9). DE_GEN in the DE_CTL register enables this function. When enabled, the DE pin is ignored.
DE_TOP and DE_LIN are line counts used to control the number of lines after VSYNC goes active that DE is
enabled and the total number of lines that DE remains active, respectively. The polarity of VSYNC must be set
by VS_POL in the DE_CTL register.
DE_DLY and DE_CNT are pixel counts used to control the number of pixels after HSYNC goes active that DE
is enabled and the total number of pixels that DE remains active, respectively. The polarity of HSYNC must be
set by HS_POL in the DE_CTL register.
The TFP410 also counts the total number of HSYNC pulses between VSYNC pulses and the total number of
pixels between HSYNC pulses. These values, the total vertical and horizontal resolutions, are available in
V_RES and H_RES, respectively. These values are available at all times, whether or not the DE generator is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com