Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP410MPAPREP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410MPAPREP
Description  PanelBus??DIGITAL TRANSMITTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP410MPAPREP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TFP410MPAPREP Datasheet HTML 21Page - Texas Instruments TFP410MPAPREP Datasheet HTML 22Page - Texas Instruments TFP410MPAPREP Datasheet HTML 23Page - Texas Instruments TFP410MPAPREP Datasheet HTML 24Page - Texas Instruments TFP410MPAPREP Datasheet HTML 25Page - Texas Instruments TFP410MPAPREP Datasheet HTML 26Page - Texas Instruments TFP410MPAPREP Datasheet HTML 27Page - Texas Instruments TFP410MPAPREP Datasheet HTML 28Page - Texas Instruments TFP410MPAPREP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
TFP410-EP
PanelBus
™ DIGITAL TRANSMITTER
SGLS344A − JULY 2006 − REVISED MAY 2011
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PowerPADt 64-pin TQFP package (continued)
Thermal vias or other
connection-to-ground vias
5.9 mm
minimum
Figure 14. Recommended Pad Size
More information on this package and other requirements for using thermal lands and thermal vias are detailed
in the TI application report PowerPADt Thermally-Enhanced Package, TI literature number SLMA002,
available at www.ti.com.
Table 2 shows the thermal properties of the 64-pin TQFP PowerPAD package. The 64-pin TQFP
non-PowerPAD package is included only for reference.
Table 2. 64-Pin TQFP (10 mm × 10 mm × 1 mm)/0,5-mm Lead Pitch
PARAMETER
WITHOUT
PowerPAD
PowerPAD
NOT CONNECTED TO
PCB THERMAL PLANE
PowerPAD
CONNECTED TO PCB
THERMAL PLANE
(see Note 1)
RθJA
Thermal resistance, junction to ambient
(see Note 1 and Note 2)
75.83°C/W
42.2°C/W
21.47°C/W
RθJC
Thermal resistance, junction to case
(see Note 1 and Note 2)
7.8°/W
0.38°C/W
0.38°C/W
PD
Power-handling capabilities of package
(see Note 1, Note 2, and Note 3)
0.92 W
1.66 W
3.26 W
NOTES: 1. Specified with the PowerPAD bond pad on the back side of the package soldered to a 2-oz Cu plate PCB thermal plane
2. Airflow is at 0 LFM (no airflow).
3. Specified at 150°C junction temperature and 80°C ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com