Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP410MPAPREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410MPAPREP
Description  PanelBus??DIGITAL TRANSMITTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP410MPAPREP Datasheet(HTML) 5 Page - Texas Instruments

  TFP410MPAPREP Datasheet HTML 1Page - Texas Instruments TFP410MPAPREP Datasheet HTML 2Page - Texas Instruments TFP410MPAPREP Datasheet HTML 3Page - Texas Instruments TFP410MPAPREP Datasheet HTML 4Page - Texas Instruments TFP410MPAPREP Datasheet HTML 5Page - Texas Instruments TFP410MPAPREP Datasheet HTML 6Page - Texas Instruments TFP410MPAPREP Datasheet HTML 7Page - Texas Instruments TFP410MPAPREP Datasheet HTML 8Page - Texas Instruments TFP410MPAPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TFP410-EP
PanelBus
™ DIGITAL TRANSMITTER
SGLS344A − JULY 2006 − REVISED MAY 2011
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
MSEN/PO1
11
O
Monitor sense/programmable output 1. The operation of this pin depends on whether the I2C interface
is enabled or disabled. This pin has an open-drain output and is only 3.3-V tolerant. An external 5-kΩ
pullup resistor connected to VDD is required on this pin.
When I2C is disabled (ISEL = low), a high level indicates a powered-on receiver is detected at the
differential outputs. A low level indicates a powered-on receiver is not detected. This function is valid
only in dc-coupled systems.
When I2C is enabled (ISEL = high), this output is programmable through the I2C interface (see the I2C
register descriptions section).
PD
10
I
Power down (active low). In the power-down state, only the digital I/O buffers and I2C interface remain
active.
When I2C is disabled (ISEL = low), a high level selects the normal operating mode. A low level selects
the power-down mode.
When I2C is enabled (ISEL = high), the power-down state is selected through I2C. In this configuration,
PD should be tied to GND.
Note: The default register value for PD is low, so the device is in power-down mode when I2C is first
enabled or after an I2C reset.
VREF
3
I
Input reference voltage. Selects the swing range of the digital data inputs (DATA[23:0], DE, HSYNC,
VSYNC, and IDCK±).
For high-swing 3.3-V input signal levels, VREF should be tied to VDD.
For low-swing input signal levels, VREF should be set to half of the maximum input voltage level. See
the recommended operating conditions section for the allowable range for VREF.
The desired VREF voltage level is typically derived using a simple voltage-divider circuit.
Reserved
RESERVED
34
In
This pin is reserved and must be tied to GND for normal operation.
DVI Differential Signal Output
TFADJ
19
I
Full-scale adjust. This pin controls the amplitude of the DVI output voltage swing, determined by the
value of the pullup resistor RTFADJ connected to TVDD.
TX0+
TX0−
25
24
O
Channel 0 DVI differential output pair. TX0± transmits the 8-bit blue pixel data during active video and
HSYNC and VSYNC during the blanking interval.
TX1+
TX1−
28
27
O
Channel 1 DVI differential output pair. TX1± transmits the 8-bit green pixel data during active video and
CTL[1] during the blanking interval.
TX2+
TX2−
31
30
O
Channel 2 DVI differential output pair. TX2± transmits the 8-bit red pixel data during active video and
CTL[3:2] during the blanking interval.
TXC+
TXC−
22
21
O
DVI differential output clock
Power and Ground
DGND
16, 48, 64
Ground Digital ground
DVDD
1, 12, 33
Power
Digital power supply. Must be set to 3.3-V nominal.
NC
49
NC
No connection required. If connected, tie high.
PGND
17
Ground PLL ground
PVDD
18
Power
PLL power supply. Must be set to 3.3-V nominal.
TGND
20, 26, 32
Ground Transmitter differential output driver ground
TVDD
23, 29
Power
Transmitter differential output driver power supply. Must be set to 3.3-V nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com