Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP410MPAPREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410MPAPREP
Description  PanelBus??DIGITAL TRANSMITTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP410MPAPREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TFP410MPAPREP Datasheet HTML 8Page - Texas Instruments TFP410MPAPREP Datasheet HTML 9Page - Texas Instruments TFP410MPAPREP Datasheet HTML 10Page - Texas Instruments TFP410MPAPREP Datasheet HTML 11Page - Texas Instruments TFP410MPAPREP Datasheet HTML 12Page - Texas Instruments TFP410MPAPREP Datasheet HTML 13Page - Texas Instruments TFP410MPAPREP Datasheet HTML 14Page - Texas Instruments TFP410MPAPREP Datasheet HTML 15Page - Texas Instruments TFP410MPAPREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
TFP410-EP
PanelBus
™ DIGITAL TRANSMITTER
SGLS344A − JULY 2006 − REVISED MAY 2011
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
universal graphics controller interface modes
Table 1 is a tabular representation of the different modes for the universal graphics controller interface. The
12-bit mode is selected when BSEL = 0 and the 24-bit mode when BSEL = 1. The 12-bit mode uses dual-edge
clocking and the 24-bit mode uses single-edge clocking. The EDGE input is used to control the latching edge
in 24-bit mode, or the primary latching edge in 12-bit mode. When EDGE = 1, the data input is latched on the
rising edge of the input clock and when EDGE = 0, the data input is latched on the falling edge of the input clock.
A fully differential input clock is available only in the low-swing mode. Single-ended clocking is not
recommended in the low-swing mode as this decreases common-mode noise rejection.
Note that BSEL, DSEL, and EDGE are determined by register CTL_1_MODE when I2C is enabled (ISEL = 1)
and by input pins when I2C is disabled (ISEL = 0).
Table 1. Universal Graphics Controller Interface Options (Tabular Representation)
VREF
BSEL
EDGE
DSEL
BUS WIDTH
LATCH MODE
CLOCK EDGE
CLOCK MODE
0.55 V to 0.9 V
0
0
0
12 bit
Dual edge
Falling
Differential (see Note 1 and Note 2)
0.55 V to 0.9 V
0
0
1
12 bit
Dual edge
Falling
Single ended
0.55 V to 0.9 V
0
1
0
12 bit
Dual edge
Rising
Differential (see Note 1 and Note 2)
0.55 V to 0.9 V
0
1
1
12 bit
Dual edge
Rising
Single ended
0.55 V to 0.9 V
1
0
0
24 bit
Single edge
Falling
Single ended
0.55 V to 0.9 V
1
0
1
24 bit
Single edge
Falling
Differential (see Note 1 and Note 3)
0.55 V to 0.9 V
1
1
0
24 bit
Single edge
Rising
Single ended
0.55 V to 0.9 V
1
1
1
24 bit
Single edge
Rising
Differential (see Note 1 and Note 3)
DVDD
0
0
X
12 bit
Dual edge
Falling
Single ended (see Note 4)
DVDD
0
1
X
12 bit
Dual edge
Rising
Single ended (see Note 4)
DVDD
1
0
X
24 bit
Single edge
Falling
Single ended (see Note 4)
DVDD
1
1
X
24 bit
Single edge
Rising
Single ended (see Note 4)
NOTES: 1. The differential clock input mode is only available in the low signal swing mode (i.e., VREF ≤ 0.9 V).
2. The TFP410 does not support a 12-bit dual-clock, single-edge input clocking mode.
3. The TFP410 does not support a 24-bit single-clock, dual-edge input clocking mode.
4. In the high-swing mode (VREF = DVDD), DSEL is a don’t care; therefore, the device is always in the single-ended latch mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com