Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP410MPAPREP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410MPAPREP
Description  PanelBus??DIGITAL TRANSMITTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP410MPAPREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TFP410MPAPREP Datasheet HTML 14Page - Texas Instruments TFP410MPAPREP Datasheet HTML 15Page - Texas Instruments TFP410MPAPREP Datasheet HTML 16Page - Texas Instruments TFP410MPAPREP Datasheet HTML 17Page - Texas Instruments TFP410MPAPREP Datasheet HTML 18Page - Texas Instruments TFP410MPAPREP Datasheet HTML 19Page - Texas Instruments TFP410MPAPREP Datasheet HTML 20Page - Texas Instruments TFP410MPAPREP Datasheet HTML 21Page - Texas Instruments TFP410MPAPREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
TFP410-EP
PanelBus
™ DIGITAL TRANSMITTER
SGLS344A − JULY 2006 − REVISED MAY 2011
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
register map (continued)
REGISTER
RW
SUB-
ADDRESS
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
VEN ID
R
00
VEN_ID[7:0]
VEN_ID
R
01
VEN_ID[15:8]
DEV ID
R
02
DEV_ID[7:0]
DEV_ID
R
03
DEV_ID[15:8]
REV_ID
R
04
REV_ID[7:0]
RESERVED
R
05-07
Reserved
CTL_1_MODE
RW
08
RSVD
TDIS
VEN
HEN
DSEL
BSEL
EDGE
PD
CTL_2_MODE
RW
09
VLOW
MSEL
TSEL
RSEN
HTPLG
MDI
CTL_3_MODE
RW
0A
DK
DKEN
CTL
RSVD
CFG
R
0B
CFG
RESERVED
RW
0C-31
Reserved
DE_DLY
RW
32
DE_DLY[7:0]
DE_CTL
RW
33
RSVD
DE_GEN
VS_POL
HS_POL
RSVD
DE_DLY[8]
DE_TOP
RW
34
RSVD
DE_DLY[6:0]
RESERVED
RW
35
Reserved
DE CNT
RW
36
DE_CNT[7:0]
DE_CNT
RW
37
Reserved
DE_CNT[10:8]
DE LIN
RW
38
DE_LIN[7:0]
DE_LIN
RW
39
Reserved
DE_LIN[10:8]
H RES
R
3A
H_RES[7:0]
H_RES
R
3B
Reserved
H_RES[10:8]
V RES
R
3C
V_RES[7:0]
V_RES
R
3D
Reserved
V_RES[10:8]
RESERVED
R
3E−FF
register descriptions
VEN_ID
Sub-Address = 01−00
Read Only
Default = 0x014C
7
6
5
4
3
2
1
0
VEN_ID[7:0]
VEN_ID[15:8]
These read-only registers contain the 16-bit TI vendor ID. VEN_ID is hardwired to 0x014C.
DEV_ID
Sub-Address = 03−02
Read Only
Default = 0x0410
7
6
5
4
3
2
1
0
DEV_ID[7:0]
DEV_ID[15:8]
These read-only registers contain the 16-bit device ID for the TFP410. DEV_ID is hardwired to 0x0410.
REV_ID
Sub-Address = 04
Read Only
Default = 0x00
7
6
5
4
3
2
1
0
REV_ID[7:0]
This read-only register contains the revision ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com