Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP410MPAPREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410MPAPREP
Description  PanelBus??DIGITAL TRANSMITTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP410MPAPREP Datasheet(HTML) 3 Page - Texas Instruments

  TFP410MPAPREP Datasheet HTML 1Page - Texas Instruments TFP410MPAPREP Datasheet HTML 2Page - Texas Instruments TFP410MPAPREP Datasheet HTML 3Page - Texas Instruments TFP410MPAPREP Datasheet HTML 4Page - Texas Instruments TFP410MPAPREP Datasheet HTML 5Page - Texas Instruments TFP410MPAPREP Datasheet HTML 6Page - Texas Instruments TFP410MPAPREP Datasheet HTML 7Page - Texas Instruments TFP410MPAPREP Datasheet HTML 8Page - Texas Instruments TFP410MPAPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TFP410-EP
PanelBus
™ DIGITAL TRANSMITTER
SGLS344A − JULY 2006 − REVISED MAY 2011
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
12/24 Bit
I/F
Data
Format
Universal Input
TMDS Transmitter
Serializer
Serializer
Serializer
Control
I2C Slave I/F
For DDC
1.8-V Regulators
With Bypass
Capacitors
PLL
TX2±
TX1±
TX0±
TXC±
TFADJ
IDCK±
DATA[23:0]
DE
VSYNC
HSYNC
EDGE/HTPLG
MSEN
PD
ISEL/RST
BSEL/SCL
DSEL/SDA
VREF
Encoder
Encoder
Encoder
CTL/A/DK[3:1]
DKEN
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
Input
A3/DK3
CTL2/A2/DK2
CTL1/A1/DK1
6
7
8
I
The operation of these three multifunction inputs depends on the settings of the ISEL (pin 13) and
DKEN (pin 35) inputs. All three inputs support 3.3-V CMOS signal levels and contain weak pulldown
resistors so that, if left unconnected, they default to all low.
When the I2C bus is disabled (ISEL = low) and the deskew mode is disabled (DKEN = low), pins 7 and 8
become the control inputs, CTL[2:1], which can be used to send additional information across the DVI
link during the blanking interval (DE = low). Pin 6 is not used.
When the I2C bus is disabled (ISEL = low) and the deskew mode is enabled (DKEN = high), these three
inputs become the deskew inputs DK[3:1], used to adjust the setup and hold times of the pixel data
inputs DATA[23:0], relative to the clock input IDCK±.
When the I2C bus is enabled (ISEL = high), these three inputs become the three LSBs of the I2C slave
address, A[3:1].
DATA[23:12]
36−47
I
Upper 12 bits of the 24-bit pixel bus
In 24-bit, single-edge input mode (BSEL = high), this bus inputs the top half of the 24-bit pixel bus.
In 12-bit, dual-edge input mode (BSEL = low), these bits are not used to input pixel data. In this mode,
the state of DATA[23:16] is input to the I2C register CFG. This allows eight bits of user configuration
data to be read by the graphics controller through the I2C interface (see the I2C register descriptions
section).
Note: All unused data inputs should be tied to GND or VDD.
DATA[11:0]
50−55,
58−63
I
Lower 12 bits of the 24-bit pixel bus/12-bit pixel bus input
In 24-bit, single-edge input mode (BSEL = high), this bus inputs the bottom half of the 24-bit pixel bus.
In 12-bit, dual-edge input mode (BSEL = low), this bus inputs one-half a pixel (12 bits) at every latch
edge (both rising and falling) of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com