Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP410MPAPREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410MPAPREP
Description  PanelBus??DIGITAL TRANSMITTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP410MPAPREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TFP410MPAPREP Datasheet HTML 5Page - Texas Instruments TFP410MPAPREP Datasheet HTML 6Page - Texas Instruments TFP410MPAPREP Datasheet HTML 7Page - Texas Instruments TFP410MPAPREP Datasheet HTML 8Page - Texas Instruments TFP410MPAPREP Datasheet HTML 9Page - Texas Instruments TFP410MPAPREP Datasheet HTML 10Page - Texas Instruments TFP410MPAPREP Datasheet HTML 11Page - Texas Instruments TFP410MPAPREP Datasheet HTML 12Page - Texas Instruments TFP410MPAPREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TFP410-EP
PanelBus
™ DIGITAL TRANSMITTER
SGLS344A − JULY 2006 − REVISED MAY 2011
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing diagrams
tr
tf
80% VOD
20% VOD
DVI
Outputs
Figure 1. Rise and Fall Time for DVI Outputs
th(IDF)
tsu(IDF)
th(IDR)
tsu(IDR)
VIH
VIL
IDCK+
DATA[23:0], DE,
HSYNC, VSYNC
IDCK−
Figure 2. Control and Single-Edge-Data Setup/Hold Time to IDCK±
tsu(ID)
th(ID)
VIH
VIL
IDCK+
DATA[23:0], DE,
HSYNC, VSYNC
th(ID)
tsu(ID)
Figure 3. Dual-Edge Data Setup/Hold Times to IDCK+
tsk(D)
50%
TX+
TX−
Figure 4. Analog Output Intra-Pair ± Differential Skew
tsk(CC)
50%
50%
TXN
TXM
Figure 5. Analog Output Channel-to-Channel Skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com